Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1M-CPU23 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CJ1M-CPU23
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1M-CPU23 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CJ1M-CPU23 Datasheet HTML 7Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 8Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 9Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 10Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 11Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 12Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 13Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 14Page - Omron Electronics LLC CJ1M-CPU23 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CJ1 Ordering Guide
B-128 Programmable Controller
CJ1
DeviceNet
J DeviceNet Multiple I/O Terminal Modules and Connecting Cables
Item
Description/Specifications
Standards
Part number
I/O points
Type
Communications Module
Total Slave I/O points:
1,024 max.
U, C, CE
DRT1-COM
Digital I/O
M d l
Modules with
T
i
l Bl
k
16 inputs
NPN (+ common)
GT1-ID16
g
/
Modules
Terminal Blocks
16 inputs
PNP (-- common)
GT1-ID16-1
16 outputs
NPN (-- common)
GT1-OD16
16 outputs
PNP (+ common)
GT1-OD16-1
Modules with MOLEX
C
t
16 inputs
NPN (+ common)
GT1-ID16MX
Connectors
16 inputs
PNP (-- common)
GT1-ID16MX-1
16 outputs
NPN (-- common)
GT1-OD16MX
16 outputs
PNP (+ common)
GT1-OD16MX-1
Modules with Fujitsu
C
t
16 inputs
NPN (+ common)
GT1-ID16ML
j
Connectors
16 inputs
PNP (-- common)
GT1-ID16ML-1
16 outputs
NPN (-- common)
GT1-OD16ML
16 outputs
PNP (+ common)
GT1-OD16ML-1
Modules with D-Sub
25 i C
t
16 inputs
NPN (+ common)
GT1-ID16DS
25-pin Connectors
16 inputs
PNP (-- common)
GT1-ID16DS-1
16 outputs
NPN (-- common)
GT1-OD16DS
16 outputs
PNP (+ common)
GT1-OD16DS-1
Modules with
Hi h d
it F jit
32 inputs
NPN (+ common)
GT1-ID32ML
High-density Fujitsu
Connectors
32 inputs
PNP (-- common)
GT1-ID32ML-1
Connectors
32 outputs
NPN (-- common)
GT1-OD32ML
32 outputs
PNP (+ common)
GT1-OD32ML-1
Analog Input Modules
8 inputs
MOLEX connector
GT1-AD08MX
g
p
4 inputs
Terminal block
GT1-AD04
Analog Output Modules
4 outputs
MOLEX connector
GT1-DA04MX
g
p
4 outputs
Terminal block
GT1-DA04
Temperature Input Modules
4 inputs
Thermocouple
GT1-TS04T
p
p
4 inputs
Platinum resistance
thermometer
GT1-TS04P
Counter Module
1 input,
2 outputs
1 input, 2 outputs
Counter Module with encoder
input
CE
GT1-CT01
Relay Output Modules
8 outputs
8 relay outputs, 2A, SPST-NO
U, C, CE
GT1-ROP08
y
p
16 outputs
8 relay outputs, 5A, SPST-NO
,
,
GT1-ROS16
I/O Module Connecting Cable
1m
GCN1-100
Molex Connectors
3-wire connectors for use with
Molex Connector modules
(Bus of 25)
U, C
GCN1-MX25B
Molex Connector with 1 m cable
1-m cables with Molex
Connector attached to one
end (Bus of 10)
GCN1-MX010A


Similar Part No. - CJ1M-CPU23

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
344Kb / 15P
   CPU Selection
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1M-CPU23 OMRON-CJ1M-CPU23 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
More results

Similar Description - CJ1M-CPU23

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com