Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV14D241 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERZV14D241
Description  ?쏾NR??Transient/Surge Absorbers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV14D241 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERZV14D241 Datasheet HTML 1Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 2Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 3Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 4Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 5Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 6Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 7Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 8Page - Panasonic Semiconductor ERZV14D241 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 6 –
Reference Guide to Standard Products
Part No.
Applicable
Standards
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
at 8/20μs
Maximum
Peak Current
at 8/20μs(A)
Recommended Applications
Standard
Registration No.
Approvals
(V)
ACrms (V) DC (V) max.(V) Ip (A)
1 time 2 times
ERZV05D820
V820U
○☆
82
(74 to 90)
50
65
145
5
800
600
Telephone, Communication Line
(DC 48 V)
ERZV07D820
V7820U
○☆
135
10
1750
1250
ERZV09D820
V9820U
○☆
135
25
3500
2500
ERZV10D820 V10820U
○☆
135
25
3500
2500
ERZV14D820 V14820U
○◎☆
135
50
6000
5000
ERZV20D820 V20820U
○◎☆
135
100
10000
7000
ERZV05D101
V101U
○☆
100
(90 to 110)
60
85
175
5
800
600
ERZV07D101
V7101U
○☆
165
10
1750
1250
ERZV09D101
V9101U
○☆
165
25
3500
2500
ERZV10D101 V10101U
○☆
165
25
3500
2500
ERZV14D101 V14101U
○◎☆
165
50
6000
5000
ERZV20D101 V20101U
○◎☆
165
100
10000
7000
ERZV05D121
V121U
○☆
120
(108 to 132)
75
100
210
5
800
600
ERZV07D121
V7121U
○☆
200
10
1750
1250
ERZV09D121
V9121U
○☆
200
25
3500
2500
ERZV10D121 V10121U
○☆
200
25
3500
2500
ERZV14D121 V14121U
○◎☆
200
50
6000
5000
ERZV20D121 V20121U
○◎☆
200
100
10000
7000
ERZV05D151
V151U
○☆
150
(135 to 165)
95
125
260
5
800
600
ERZV07D151
V7151U
○☆
250
10
1750
1250
ERZV09D151
V9151U
○☆
250
25
3500
2500
ERZV10D151 V10151U
○☆
250
25
3500
2500
ERZV14D151 V14151U
○◎☆
250
50
6000
5000
ERZV20D151 V20151U
○◎☆
250
100
10000
7000
ERZV05D201
V201U
○☆
△□
200
(185 to 225)
130
170
355
5
800
600
AC 100 V Line–Line
Applications
ERZV07D201
V7201U
○☆
△□
340
10
1750
1250
ERZV09D201
V9201U
○☆
△□
340
25
3500
2500
ERZV10D201 V10201U
○☆
△□
340
25
3500
2500
ERZV14D201 V14201U ○◎☆★
△□
340
50
6000
5000
ERZV20D201 V20201U ○◎☆★
△□
340
100
10000
7000
ERZV05D221
V221U
○☆
△□
220
(198 to 242)
140
180
380
5
800
600
ERZV07D221
V7221U
○☆
△□
360
10
1750
1250
ERZV09D221
V9221U
○☆
△□
360
25
3500
2500
ERZV10D221 V10221U
○☆
△□
360
25
3500
2500
ERZV14D221 V14221U ○◎☆★
△□
360
50
6000
5000
ERZV20D221 V20221U ○◎☆★
△□
360
100
10000
7000
ERZV05D241
V241U
○☆
△□
240
(216 to 264)
150
200
415
5
800
600
AC 100 V to 120 V, Line–Line
Applications
ERZV07D241
V7241U
○☆
△□
395
10
1750
1250
ERZV09D241
V9241U
○☆
△□
395
25
3500
2500
ERZV10D241 V10241U
○☆
△□
395
25
3500
2500
ERZV14D241 V14241U ○◎☆★
△□
395
50
6000
5000
ERZV20D241 V20241U ○◎☆★
△□
395
100
10000
7000
ERZV05D271
V271U
○☆
△□
270
(247 to 303)
175
225
475
5
800
600
ERZV07D271
V7271U
○☆
△□
455
10
1750
1250
ERZV09D271
V9271U
○☆
△□
455
25
3500
2500
ERZV10D271 V10271U
○☆
△□
455
25
3500
2500
ERZV14D271 V14271U ○◎☆★
△□
455
50
6000
5000
ERZV20D271 V20271U ○◎☆★
△□
455
100
10000
7000
✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA
○ : UL1449 Ed.3, ● : UL1449 Type3 (or Code-Connected and Direct plug-in), ◎ : UL1449 Type2 (or Permanently Connected),
☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Ed.2 Annex.Q),
△ : UL1414, □ : CSA C22.2 No.1, – : None
※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.
Aug. 2012
01


Similar Part No. - ERZV14D241

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV14D241 PANASONIC-ERZV14D241 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZV14D241 VISHAY-ERZV14D241 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZV14D241 PANASONIC-ERZV14D241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D241 PANASONIC-ERZV14D241 Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
ERZV14D241 PANASONIC-ERZV14D241 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results

Similar Description - ERZV14D241

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V511 PANASONIC-ERZ-VA9V511 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D471 PANASONIC-ERZ-VA7D471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V221 PANASONIC-ERZ-VA9V221 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com