Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1M-CPU11 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CJ1M-CPU11
Description  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1M-CPU11 Datasheet(HTML) 6 Page - Omron Electronics LLC

  CJ1M-CPU11 Datasheet HTML 1Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 2Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 3Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 4Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 5Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 6Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 7Page - Omron Electronics LLC CJ1M-CPU11 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Type
Channels
I/O type
Rating
Connection
Current usage
Model
Process
input
2
1 to 5V, 0 to 5V,
+/-5V, 0 to 10V,
+/-10V, 0 to 1.25V,
+/-1.25V, 4 to 20 mA,
0 to 20 mA
Resolution: 1/64,000
Accuracy: 0.05% of PV
Conversion time: 5 ms/ point
Features: Isolated inputs,
configurable alarms,
maintenance functions, user-
defined scaling
Terminal block
0.18 A, 5 VDC
(Use an external
90 mA, 5 VDC
power supply)
CJ1W-PDC15
Temperature
input
modules
2
Isolated Thermocouple
input: Types B, E, J, K, L,
N, R, S, T, U, WRe-5-26,
PL2; -100 to 100 mV
Resolution: 1/64,000
Accuracy: 0.05% of PV
Conversion time: 5 ms/point
Terminal block
0.18 A, 5 VDC
(Use an external
60 mA, 24 VDC
power supply)
CJ1W-PTS15
2
Isolated RTD input: Pt100,
JPt100, Pt50, or Ni508.4
Resolution: 1/64,000
Accuracy: 0.05% of PV
Conversion time: 5 ms/point
Terminal block
0.18 A, 5 VDC
(Use an external
60 mA, 24 VDC
power supply)
CJ1W-PTS16
4
Isolated Thermocouple
input: Types K, J, L, R, S,
T, B
Resolution: --
Accuracy: ±0.3% of PV
Conversion time: 62.5 ms/point
Terminal block
0.25 A, 5 VDC
CJ1W-PTS51
4
Isolated RTD input: Pt100,
JPt100
Resolution: --
Accuracy: ±0.3% of PV
Conversion time: 62.5 ms/point
Terminal block
0.25 A, 5 VDC
CJ1W-PTS52
Temperature
controller
modules,
thermo-
couple input
4 loops
NPN output
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC001
4 loops
PNP output
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC002
2 loops
NPN output, heater
burnout detection
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC003
2 loops
PNP output, heater
burnout detection
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC004
Temperature
controller
modules,
platinum
RTD input
4 loops
NPN output
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC101
4 loops
PNP output
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC102
2 loops
NPN output, heater
burnout detection
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC103
2 loops
PNP output, heater
burnout detection
0.1°C resolution; 0.3% of PV
accuracy
Terminal block
0.25 A, 5 VDC
CJ1W-TC104
Special I/O and Control Modules (continued)
Item
Models
Dimensions H x W x D mm
Special I/O Modules
All versions
90 x 31 x 65
Motion controller
CJ1W-MCH71
90 x 80 x 65
Dimensions


Similar Part No. - CJ1M-CPU11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1M-CPU11 OMRON-CJ1M-CPU11 Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU11 OMRON-CJ1M-CPU11 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1M-CPU11 OMRON-CJ1M-CPU11 Datasheet
344Kb / 15P
   CPU Selection
CJ1M-CPU11 OMRON-CJ1M-CPU11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1M-CPU11 OMRON-CJ1M-CPU11 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
More results

Similar Description - CJ1M-CPU11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com