Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1365-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1365-2
Description  MICRO PINS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1365-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1365-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRO PINS
CAT. NO. 1218
.040 [1.02]
.040 [1.02]
.080 [2.03]
.047 [1.19]
KNURL
.832
[21.2]
.250
[6.4]
.193
[4.9]
.040 (1.0) HOLLOW PIN - SWAGE MOUNT
.040 (1.0) KAY PIN - PRESS-FIT
MATERIAL:
Solid Nickel Silver
Mtg. Hole
.043 (1.09) Dia.
.312
[7.9]
.115
[2.9]
.458
[11.7]
.075 [1.91]
.040 [1.02]
.052 [1.32]
.031 (.79) PIN- SOLDER MOUNT
.032 (.81) PIN- SWAGE MOUNT
.035 (.90) PIN- SWAGE MOUNT
.040 (1.0) PIN - SWAGE MOUNT
.040 (1.0) PIN - SWAGE MOUNT
.040 (1.0) PIN - SWAGE MOUNT
.040 (1.0) PIN - SWAGE MOUNT
.050 (1.3) PIN - SWAGE MOUNT
.063 (1.6) PIN - SWAGE MOUNT
.080 (2.0) PIN - SWAGE MOUNT
.080 (2.0) PIN - SWAGE MOUNT
INSULATED SHORTING JACK
.040 (1.0) PINS
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1360-2 1361-2 .064 (1.63)
TIN
Mtg. Hole
CAT. NO.
Dia.
1219
.059 (1.50)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1358-1 1359-1 .051 (1.3)
.043
1358-2 1359-2 .082 (2.1) (1.09)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1356-1 1357-1 .051 (1.3)
.076
1356-2 1357-2 .082 (2.1)
(1.93)
1356-3 1357-3 .113 (2.9)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1374-1 1375-1 .051 (1.3)
.067
1374-2 1375-2 .082 (2.1)
(1.70)
1374-3 1375-3 .113 (2.9)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1354-1 1355-1 .051 (1.3)
.052
1354-2 1355-2 .082 (2.1)
(1.32)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1405-1 1425-1 .051 (1.3)
.043
1405-2 1425-2 .082 (2.1)
(1.09)
1405-3 1425-3 .113 (2.9)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1402-3
1422-3
.062 (1.57)
GOLD
TIN
A
B
L
CAT. NO. CAT. NO.
Dim.
Dia.
Length
1447-1 1455-1 .335 (8.5) .156 (4.0) .051 (1.3)
1447-2 1455-2 .400 (10.2) .125 (3.2) .094 (2.4)
1447-3 1455-3 .400 (10.2) .125 (3.2) .125 (3.2)
1447-4 1455-4 .400 (10.2) .125 (3.2) .156 (4.0)
BLUE
RED
BLACK
A
W
CAT. NO. CAT. NO. CAT. NO.
Dim.
Dim.
1487L
1487R
1487B .200 (5.1) .375 (9.5)
1400L
1400R
1400B .400 (10.2) .620 (15.7)
MATERIAL:
Insulator:
Polypropylene
Blue, Red or Black
Spring: Beryllium
Copper, Gold Plate
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1362-2
1363-2 .067 (1.70)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1364-2
1365-2 .094 (2.38)
.040 [1.02]
.400 [10.2]
.070 [1.78]
L
.020 [0.51]
.040 [1.02]
.090 [2.29]
B
L
A
.080 [2.03]
.025 [0.64]
.040 [1.02]
.050 [1.27]
.040 [1.02]
.094 [2.39]
.072 [1.83]
.022 [0.56]
.020 [0.51]
.172 [4.4]
.125 [3.2]
L
.156 [4.0]
.530 [13.5]
.080 [2.03]
.082 [2.08]
.090 [2.29]
.030 [0.76]
.098 [2.5]
.194 [5.0]
.457 [11.6]
.063 [1.60]
.057 [1.45]
.063 [1.60]
.093 [2.36]
.094 [2.39]
.060 [1.52]
.031 [0.79]
.094 [2.39]
.250 [6.4]
.050 [1.27]
.032 [0.81]
.050 [1.27]
.030 [0.76]
L
.078 [1.98]
.050 [1.27]
.342 [8.7]
.187 [4.8]
.093 [2.36]
.030 [0.76]
.270 [6.9]
.058 [1.47]
.040 [1.02]
.125 [3.2]
A
W
.120 [3.1]
DIA.
.500 [12.7]
.125 [3.2]
.062 [1.57]
.030 (.76) PIN - SWAGE MOUNT
.030 [0.76]
.020 [0.5]
.094 [2.39]
.062 [1.57]
.250 [6.4]
L
.080 (2.0) PIN - SWAGE MOUNT
.080 [2.03]
.042 [1.07]
.090 [2.29]
.300 [7.6]
.105 [2.7]
.125 [3.2]
.040 [1.02]
.020 [0.51]
.320 [8.2]
.040 [1.02]
.070 [1.78]
L
.031 [0.79]
.320 [8.2]
.040 [1.02]
.020 [0.51]
.070 [1.78]
.028 [0.71]
.025 (.64) PIN - SWAGE MOUNT
.025 [0.64]
.094 [2.39]
.062 [1.57]
.062 [1.57]
.047 [1.19]
.437 [11.1]
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1370-2 1371-2
.052 (1.32)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1380-1 1381-1 .062 (1.57)
.062 [1.55]
.035 [0.90] DIA.
.030 [0.75]
.130 [3.30]
.058 [1.45]
A
.040 [1.0]
DIA WIRE
.261 [6.7]
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1352-1 1353-1
.043 (1.09)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1376-2
1377-2 .094 (2.38)
MATERIAL:
Pin: Brass,
Gold Plate
MATERIAL:
Insulator: Polypropylene
Blue, Red or Black
Pin: Brass, Gold Plate
Non-insulated
A
CAT. NO.
Dim.
1430-1
.200 (5.1)
1430-2
.250 (6.4)
1430-4
.400 (10.2)
1430-5
.500 (12.7)
BLUE
RED
BLACK
A
W
CAT. NO. CAT. NO. CAT. NO.
Dim.
Dim.
1460L
1460R
1460B
.200 (5.1)
.375 (9.5)
1461L
1461R
1461B
.250 (6.4)
.375 (9.5)
1462L
1462R
1462B
.400 (10.2)
.620 (15.7)
1463L
1463R
1463B
.500 (12.7)
.620 (15.7)
SHORTING PIN
INSULATED SHORTING PLUG
.062 [1.57]
.040 [1.02]
.125 [3.2]
.500 [12.7]
A
W
.181 [4.6]
.120 [3.1]
DIA.
For .040 (1.0) Pins
101
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section6FREV1A1-COLOR 4/4/13 5:30PM Page101


Similar Part No. - 1365-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13650 ETC1-13650 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
13651 ETC1-13651 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
13652 ETC1-13652 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
13653 ETC1-13653 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
13654 ETC1-13654 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
More results

Similar Description - 1365-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1372-1 ETC2-1372-1 Datasheet
430Kb / 1P
   MICRO PINS
logo
Wurth Elektronik GmbH &...
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
   MICRO SIM - HINGE TYPE - 8 PINS
693023010811 WURTH-693023010811 Datasheet
714Kb / 3P
   MICRO SIM - PUSH & PULL TYPE - 8 PINS
logo
Ulti-Mate Connector Inc
SD-834130002 ULTI-MATE-SD-834130002 Datasheet
108Kb / 1P
   MICRO-D SOLDERABLE CONNECTOR, PLUG (PINS), 21 POSITION MR21N02
10-13-15
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
   WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
logo
Ulti-Mate Connector Inc
SD-834140000 ULTI-MATE-SD-834140000 Datasheet
45Kb / 1P
   MICRO-D PLUG (PINS), SIZE 25, SOLDER CUP CONTACTS MR25N0
3-13-14
logo
Wurth Elektronik GmbH &...
693072010801 WURTH-693072010801 Datasheet
894Kb / 3P
   WR-CRD - Micro S D Card Connector - Hinge - 8 pins
logo
Molex Electronics Ltd.
1200705204 MOLEX-1200705204 Datasheet
32Kb / 1P
   Micro-Change (M12) Receptacle, 3 Poles, M16x1.5 Mounting Threads, PCB Pins
08/27/2022
logo
Ulti-Mate Connector Inc
SD-836140818 ULTI-MATE-SD-836140818 Datasheet
88Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 8, 25 POSITION CM8R25P07T
7-21-15
SD-836140012 ULTI-MATE-SD-836140012 Datasheet
95Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 18, 25 POSITION CM18R25P02
10/12/2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com