Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9258TS24Z-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9258TS24Z-2.7
Description  Low Noise/Low Power/2-Wire Bus/256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258TS24Z-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9258TS24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 13Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 14Page - Intersil Corporation X9258TS24Z-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN8168.6
December 15, 2011
Absolute Maximum Ratings
Thermal Information
Voltage on SDA, SCL or any Address Input
with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on V+ (referenced to VSS) . . . . . . . . . . . . . . . . . . . . . . .10V
Voltage on V- (referenced to VSS) . . . . . . . . . . . . . . . . . . . . . . . -10V
(V+) - (V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Any VH/RH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V+
Any VL/RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V-
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
24 Lead SOIC (Notes 10, 11). . . . . . . .
46
21
24 Lead TSSOP (Notes 10, 11) . . . . . .
68
17
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range (Typical)
X9258. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
X9258-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
10.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
11. For
θJC, the “case temp” location is taken at the package top center.
Analog Specifications
Over recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNIT
End-to-end Resistance Tolerance
±20
%
Power Rating
+25°C, each potentiometer
50
mW
IW
Wiper Current
Wiper current = ±1mA
±7.5
mA
RW
Wiper Resistance
IW = ± 1mA @ V+ = 3V, V- = -3V
150
250
RW
Wiper Resistance
IW = ± 1mA @ V+ = 5V, V- = -5V
40
100
V+
Voltage on V+ Pin
X9258
+4.5
+5.5
V
X9258-2.7
+2.7
+5.5
V
V-
Voltage on V- Pin
X9258
-5.5
-4.5
V
X9258 -2.7
-5.5
-2.7
V
VTERM
Voltage on any VH/RH or VL/RL Pin
V-
V+
V
Noise
Ref: 1kHz
-120
dBV
Resolution (Note 16)
0.6
%
Absolute Linearity (Note 13)
Vw(n)(actual) - Vw(n)(expected)
±1
MI
(Note 15)
Relative Linearity (Note 14)
Vw(n + 1) - [Vw(n) + MI]±0.6
MI
(Note 15)
Temperature Coefficient of RTOTAL
±300
ppm/
°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitance
See “Test Circuit #3 SPICE Macro
Model” on page 13
10/10/25
pF
X9258


Similar Part No. - X9258TS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258TS24Z-2.7 INTERSIL-X9258TS24Z-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258TS24Z-2.7 INTERSIL-X9258TS24Z-2.7 Datasheet
488Kb / 19P
   Quad Digital Controlled Potentiometers
December 15, 2011
logo
Renesas Technology Corp
X9258TS24Z-2.7 RENESAS-X9258TS24Z-2.7 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258TS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com