Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3F88L-RS15W Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # 3F88L-RS15W
Description  Cam Positioner
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3F88L-RS15W Datasheet(HTML) 4 Page - Omron Electronics LLC

  3F88L-RS15W Datasheet HTML 1Page - Omron Electronics LLC 3F88L-RS15W Datasheet HTML 2Page - Omron Electronics LLC 3F88L-RS15W Datasheet HTML 3Page - Omron Electronics LLC 3F88L-RS15W Datasheet HTML 4Page - Omron Electronics LLC 3F88L-RS15W Datasheet HTML 5Page - Omron Electronics LLC 3F88L-RS15W Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3F88L-160/-162
4
Overview of Functions
Basic Operating Procedure
Enter the cam program (i.e., the cam output ON/OFF pattern) into the Cam Positioner. Use the bank selector signals to select a bank and turn the
RUN signal ON to start operation.
Resolution
• The angle resolution can be set to 360 increments/rotation or 720 increments/rotation.
• The function and performance of the following items depend on the resolution.
Note: If you want the ON angle to be 90
°, for example, set 90 for a 360 resolution and 180 for a 720 resolution.
Modes
The 3F88L-160/162 Cam Positioners have three modes that can be selected from the mode selector switch on the front of the Positioner. They
are RUN, PRGM, and SET.
The following functions are supported in each mode.
RUN mode:
Normal operation or adjustment operation
PRGM mode: Creating, editing, deleting, or testing a cam program
SET mode:
Entering Cam Positioner parameters and compensation settings, teaching, or entering communications settings
Cam Positioner
Resolver
Bank selector signals (BANK 1 to 3)
RUN signal (START)
User machine
and equipment
Cam output 1
Cam output 2
Cam output 3
0
°
Resolver angle
90
°
180
°
270
°
0
°
Control input
Cam output
Cam program (bank 1)
Cam No.
Step
ON angle OFF angle
1
2
2
3
...
1
1
2
1
...
90
315
135
0
...
180
45
225
45
...
(Example of a program at 360 resolution)
3F88L-162
CAM POSITIONER
BANK/
FUN
FUN
CAM/
CAM/
PRMTR
PRMTR
ON/
OFF
OFF
CLR
SET
BANK/FUN
BANK/FUN
CAM/PRMTR
CAM/PRMTR
SPEED/ON
SPEED/ON
POSITION/OFF
POSITION/OFF
CW
CCW
ADJ
P CLR
SET
PRG
RUN
CAM17
32
CAM1
16
Cam program (bank 2)
Cam program (bank 3)
...
...
Item
Resolution
Resolution of 360
Resolution of 720
Angle setting and display unit (See note.)
1
° is set and displayed as "1".
0.5
° is set and displayed as "1".
Allowable Resolver speed
1,600 r/min
800 r/min
No. of steps in the cam program
180 steps max.
360 steps max.
No. of banks
8 banks
4 banks
SET (Setting) Mode
• Sets parameters for 3F88L-160/162
Cam Positioners.
• Sets various compensation values.
• Enables teaching.
• Sets communications.
• Adjusts the origin position.
PRGM (Programming) Mode
• Creates, edits, and deletes cam
programs.
• Tests operation.
RUN (Operation) Mode
• Normal operation
• Adjustment operation
• Cam output and control I/O
monitoring
• Origin shift
Move
between
modes
Move
between
modes


Similar Part No. - 3F88L-RS15W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3F8419XZZ PANASONIC-3F8419XZZ Datasheet
293Kb / 6P
   Thick Film Chip Resistors Low Resistance Type
More results

Similar Description - 3F88L-RS15W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
   Crimp head positioner
ST-Z0010 PHOENIX-ST-Z0010 Datasheet
45Kb / 2P
   Crimp head positioner
logo
Fuji Electric
EDS12-1K FUJI-EDS12-1K Datasheet
72Kb / 4P
   ELECTRO-PNEUMATIC POSITIONER
EDS9-50B FUJI-EDS9-50B Datasheet
73Kb / 4P
   OPTICAL-PNEUMATIC POSITIONER
logo
PHOENIX CONTACT
SF-Z0042 PHOENIX-SF-Z0042 Datasheet
39Kb / 2P
   Crimp head positioner
logo
List of Unclassifed Man...
K1535 ETC-K1535 Datasheet
65Kb / 2P
   POSITIONER ENVELOPE DRAWING
logo
Omron Electronics LLC
Y92S-41-200 OMRON-Y92S-41-200 Datasheet
3Mb / 32P
   This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
logo
Harwin Plc
Z80-058 HARWIN-Z80-058 Datasheet
83Kb / 1P
   CONTACT CRIMP POSITIONER
logo
PHOENIX CONTACT
SF-Z0011 PHOENIX-SF-Z0011 Datasheet
43Kb / 2P
   Crimp head positioner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com