Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6208IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6208IRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6208IRZ Datasheet HTML 1Page - Intersil Corporation ISL6208IRZ Datasheet HTML 2Page - Intersil Corporation ISL6208IRZ Datasheet HTML 3Page - Intersil Corporation ISL6208IRZ Datasheet HTML 4Page - Intersil Corporation ISL6208IRZ Datasheet HTML 5Page - Intersil Corporation ISL6208IRZ Datasheet HTML 6Page - Intersil Corporation ISL6208IRZ Datasheet HTML 7Page - Intersil Corporation ISL6208IRZ Datasheet HTML 8Page - Intersil Corporation ISL6208IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
High Voltage Synchronous Rectified Buck MOSFET
Drivers
ISL6208, ISL6208B
The ISL6208 and ISL6208B are high frequency, dual MOSFET
drivers, optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology. They are
especially suited for mobile computing applications that
require high efficiency and excellent thermal performance.
These drivers, combined with an Intersil multiphase Buck
PWM controller, form a complete single-stage core-voltage
regulator solution for advanced mobile microprocessors.
ISL6208 and ISL6208B have the same function but different
packages. The descriptions in this datasheet are based on
ISL6208 and also apply to ISL6208B.
The ISL6208 features 4A typical sinking current for the lower
gate driver. This current is capable of holding the lower
MOSFET gate off during the rising edge of the Phase node. This
prevents shoot-through power loss caused by the high dv/dt of
phase voltages. The operating voltage matches the 30V
breakdown voltage of the MOSFETs commonly used in mobile
computer power supplies.
The ISL6208 also features a three-state PWM input that,
working together with Intersil’s multiphase PWM controllers,
will prevent negative voltage output during CPU shutdown. This
feature eliminates a protective Schottky diode usually seen in
a microprocessor power systems.
MOSFET gates can be efficiently switched up to 2MHz using
the ISL6208. Each driver is capable of driving a 3000pF load
with propagation delays of 8ns and transition times under
10ns. Bootstrapping is implemented with an internal Schottky
diode. This reduces system cost and complexity, while allowing
the use of higher performance MOSFETs. Adaptive shoot-
through protection is integrated to prevent both MOSFETs from
conducting simultaneously.
A diode emulation feature is integrated in the ISL6208 to
enhance converter efficiency at light load conditions. This
feature also allows for monotonic start-up into pre-biased
outputs. When diode emulation is enabled, the driver will allow
discontinuous conduction mode by detecting when the
inductor current reaches zero and subsequently turning off the
low side MOSFET gate.
Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
•0.5
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
- Fast Output Rise And Fall Time
- Low Propagation Delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 80µA)
• Diode Emulation for Enhanced Light Load Efficiency and
Pre-Biased Start-Up Applications
• VCC POR (Power-On-Reset) Feature Integrated
• Low Three-State Shutdown Holdoff Time (Typical 160ns)
• Pin-to-Pin Compatible with ISL6207
• QFN and DFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
DFN - Dual Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves PCB
Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel® and AMD® Mobile
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Output Voltage DC/DC Converters
• High Input Voltage DC/DC Converters
Related Literature
•Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
•Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for MLFP Packages”
•Technical Brief TB447 “Guidelines for Preventing
Boot-to-Phase Stress on Half-Bridge MOSFET Driver ICs”
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2004-2008, 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
January 31, 2012
FN9115.6


Similar Part No. - ISL6208IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208IRZ INTERSIL-ISL6208IRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
More results

Similar Description - ISL6208IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com