Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-44 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10-44
Description  Steatite Standoffs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-44 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10-44 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10-44 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10-44 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100 except 10-47B, D, E, which are 50.
10-46B NL523W01-010 1 1/4" 31.75 3/8" 9.53 3/8"
6-32
10-46A NL523W01-012 1 1/2" 38.10 3/8" 9.53 3/8"
6-32
10-46C NL523W01-016 2"
50.80 3/8" 9.53 3/8"
6-32
10-43
--
1/2"
12.70 1/2" 12.7 1/4"
6-32
10-44
--
3/4"
19.05 1/2" 12.7 1/4"
6-32
10-45
--
1"
25.40 1/2" 12.7 3/8"
6-32
10-46
--
1 1/2" 38.10 1/2" 12.7 3/8"
6-32
10-47
--
2 1/2" 63.50 1/2" 12.7 3/8"
6-32
10-40
NL523W02-005 5/8"
15.88 1/2" 12.7 3/16"
6-32
10-40A NL523W02-006 3/4"
19.05 1/2" 12.7 1/4"
8-32
10-40B NL523W02-008 1"
25.40 1/2" 12.7 3/8"
8-32
10-40C NL523W02-010 1 1/4" 31.75 1/2" 12.7 3/8"
8-32
10-40D NL523W02-012 1 1/2" 38.10 1/2" 12.7 3/8"
8-32
10-40E
NL523W02-016 2"
50.80 1/2" 12.7 3/8"
8-32
10-40F
NL523W02-020 2 1/2" 63.50 1/2" 12.7 3/8"
8-32
10-40G NL523W02-024 3"
76.20 1/2" 12.7 3/8"
8-32
10-44C --
3/4"
19.05 3/4" 19.05 1/4"
8-32
10-45C NL523W03-008 1"
25.40 3/4" 19.05 3/8"
10-32
10-45D NL523W03-010 1 1/4" 31.75 3/4" 19.05 3/8"
10-32
10-45E
NL523W03-012 1 1/2" 38.10 3/4" 19.05 3/8"
10-32
10-45F
NL523W03-016 2"
50.80 3/4" 19.05 3/8"
10-32
10-45G NL523W03-020 2 1/2" 63.50 3/4" 19.05 3/8"
10-32
10-45H NL523W03-024 3"
76.20 3/4" 19.05 3/8"
10-32
10-45S
NL523W03-032 4"
101.60 3/4" 19.05 3/8"
10-32
10-47B NL523W04-012 1 1/2" 38.10 1"
25.4 1/2"
1/4-20
10-47D NL523W04-016 2"
50.40 1"
25.4 5/8"
1/4-20
10-47E
NL523W04-020 2 1/2" 63.50 1"
25.4 5/8"
1/4-20
Standard Package:
To additional
Back to DABURN'S
.
Porcelain Insulators.
Home Page
4/2/03 9:53 PM
10-40 Steatite Standoffs
Page 2 of 3
http://www.daburn.com/10-40.html


Similar Part No. - 10-44

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-44-1021 MOLEX1-10-44-1021 Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 2 Circuits, Gold (Au) Plating
10-44-1031 MOLEX1-10-44-1031 Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 3 Circuits, Gold (Au) Plating
10-44-1041 MOLEX1-10-44-1041 Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 4 Circuits, Gold (Au) Plating
10-44-1051 MOLEX1-10-44-1051 Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 5 Circuits, Gold (Au) Plating
10-44-1061 MOLEX1-10-44-1061 Datasheet
2Mb / 3P
   5.08mm (.200") Pitch KK짰 Header, Vertical, with Polarizing Backwall, 6 Circuits, Gold (Au) Plating
More results

Similar Description - 10-44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
1895 ETC2-1895 Datasheet
230Kb / 1P
   THREADED STANDOFFS
8441B ETC2-8441B Datasheet
93Kb / 2P
   THREADED STANDOFFS
1887 ETC2-1887 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
1628-2 ETC2-1628-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
logo
Richco, Inc.
HS-4-3 RICHCO-HS-4-3 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS-4-8 RICHCO-HS-4-8 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS-6-12 ETC2-HS-6-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
1858 ETC2-1858 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
970200487300 ETC-970200487300 Datasheet
1Mb / 12P
   SELF-CLINCHING STANDOFFS
5/13/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com