Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC246C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC246C
Description  SILICON BIDIRECTIONAL TRIODE THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC246C Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC246C Datasheet HTML 1Page - Comset Semiconductor TIC246C Datasheet HTML 2Page - Comset Semiconductor TIC246C Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIC246B, TIC246C, TIC246D, TIC246E, TIC246M, TIC246N,
TIC246S
30/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
IDRM
Repetitive peak
off-state current
VD = Rated VDRM, , IG = 0
TC = 110°C
-
-
±2
mA
IGT
Gate trigger
current
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
12
50
mA
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-19
-50
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-16
-50
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
34
-
VGT
Gate trigger
voltage
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.8
2
V
Vsupply = +12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-0.8
-2
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
-0.8
-2
Vsupply = -12 V†, RL = 10 Ω, tp(g) = > 20 µs
-
0.9
2
IH
Holding current
Vsupply = +12 V†, IG = 0
initiating ITM = 100 mA
-
22
40
mA
Vsupply = -12 V†, IG = 0
initiating ITM = -100 mA
-
-22
-40
IL
Latching
current
Vsupply = +12 V† (seeNote5)
-
-
80
mA
Vsupply = -12 V† (seeNote5)
-
-
-80
VTM
Peak on-state
voltage
ITM = ± 22.5 A, IG = 50 mA (see Note4)
-
±1.4
±1.7
V
dv/dt
Critical rate of
rise of off-state
voltage
VDRM = Rated VDRM, IG = 0
TC = 110°C
-
±400
-
V/µs
di/dt
Critical rate of
rise of off-state
current
VDRM = Rated VDRM, IGT = 50 mA
diG/dt = 50mA/µs, TC = 110°C
-
±100
-
A/µs
dv/dt©
Critical rise of
communication
voltage
VDRM = Rated VDRM, IT = 1.4 IT(RMS)
di/dt = 0.5 IT(RMS) /ms, TC = 80°C
±1.2
±9
-
V/µs
† All voltages are whit respect to Main Terminal 1.
Notes:
1.
These values apply bidirectionally for any value of resistance between the gate and Main Terminal 1.
2.
This value applies for 50-Hz full-sine-wave operation with resistive load. Above 70°C derate linearly to
110°C case temperature at the rate of 400 mA/°C.
3.
This value applies for one 50-Hz full-sine-wave when the device is operating at (or below) the rated
value of peak reverse voltage and on-state current. Surge may be repeated after the device has
returned to original thermal equilibrium.
4.
This parameters must be measured using pulse techniques, tW = ≤1ms, duty cycle ≤ 2 %, voltage-
sensing
contacts, separate from the courrent-carrying contacts are located within 3.2mm (1/8 inch)
from de device body.
5.
The triacs are triggered by a 15-V (open circuit amplitude) pulse supplied by a generator with the
following characteristics : RG = 100Ω, tp(g) = 20 µs, tr = ≤ 15ns, f = 1 kHz.


Similar Part No. - TIC246C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
logo
Texas Instruments
TIC246 TI-TIC246 Datasheet
151Kb / 5P
[Old version datasheet]   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Comset Semiconductor
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Power Innovations Ltd
TIC246D POINN-TIC246D Datasheet
105Kb / 5P
   SILICON TRIACS
More results

Similar Description - TIC246C

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC226A COMSET-TIC226A_12 Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A Datasheet
211Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC226A COMSET-TIC226A Datasheet
212Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC246B COMSET-TIC246B Datasheet
210Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A Datasheet
208Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225A COMSET-TIC225A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
   BIDIRECTIONAL TRIODE THYRISTOR
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com