Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYP2BH139 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EYP2BH139
Description  Thermal Cutoffs (TCO)/ Thermal-Links
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYP2BH139 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EYP2BH139 Datasheet HTML 1Page - Panasonic Semiconductor EYP2BH139 Datasheet HTML 2Page - Panasonic Semiconductor EYP2BH139 Datasheet HTML 3Page - Panasonic Semiconductor EYP2BH139 Datasheet HTML 4Page - Panasonic Semiconductor EYP2BH139 Datasheet HTML 5Page - Panasonic Semiconductor EYP2BH139 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thermal Cutoffs (TCO)
I Dimensions in mm (not to scale)
G 5DGLDO OHDG W\SH
G $[LDO OHDG W\SH
(
✽) /RQJ OHDG W\SH
'LPHQVLRQV PP
$%
&
/
IG
+ 6HULHV
±
±
±
±
±
¤
'LPHQVLRQV PP
/
I'
I'
@
IG
1 6HULHV
±
±
 PD[
± ✽± ±
) 6HULHV
±
 +  PD[
± ✽± ±
( 6HULHV
±
±  PD[
± ✽± ±
I Marking
)ROORZLQJ LWHPV VKDOO EH LQGLFDWHG RQ 7&2 DW OHDVW
• 1 ) ( + 6HULHV  7\SH 1R 'DWH &RGH 0 0DUN 
 5DWHG )XQFWLRQLQJ 7HPSHUDWXUH 5DWHG &XUUHQW
• 07 6HULHV
 7\SH 1R 'DWH &RGH 0 0DUN
I Standard Taping Specifications
EYP2B
V
%2;
I Packing Methods
3DUW 1R
6WDQGDUG 4XDQWLW\
6W\OH
:HLJKWSFV PJ
EYP2BN

EYP2BN
L

EYP1BF

EYP1BF
L
 SFV%DJ
%XON

EYP05BE

EYP05BE
L

EYP2BH

EYP2BN
V
 SFV%R[
)ODW %R[

EYP2MT
 SFV%DJ
%XON

$%
&
'
(
)
07 6HULHV ±
± ± +
±
±
'LPHQVLRQV PP
¤
±
±
±
±
±
±
±


Similar Part No. - EYP2BH139

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP2BH139 PANASONIC-EYP2BH139 Datasheet
178Kb / 8P
   Thermal Cutoffs (TCO)
More results

Similar Description - EYP2BH139

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP-2BN126 PANASONIC-EYP-2BN126 Datasheet
178Kb / 8P
   Thermal Cutoffs (TCO)
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
   Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
logo
List of Unclassifed Man...
G4A01084C ETC2-G4A01084C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Bourns Electronic Solut...
SD-SERIES BOURNS-SD-SERIES Datasheet
686Kb / 2P
   Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
logo
Epson ToYoCom
TCO-711JT EPSONTOYOCOM-TCO-711JT Datasheet
408Kb / 1P
   TCO-711JT
logo
STMicroelectronics
DIP20 STMICROELECTRONICS-DIP20 Datasheet
215Kb / 2P
   Thermal Data
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com