Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV09D470 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERZV09D470
Description  ?쏾NR??Transient/Surge Absorbers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV09D470 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERZV09D470 Datasheet HTML 1Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 2Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 3Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 4Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 5Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 6Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 7Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 8Page - Panasonic Semiconductor ERZV09D470 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 8 –
Part No.
Applicable
Standards
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
at 8/20μs
Maximum
Peak Current
at 8/20μs(A)
Recommended Applications
Standard
Registration No.
Approvals
(V)
ACrms (V) DC (V) max.(V) Ip (A)
1 time 2 times
ERZV10D751
V10751U ○●☆★
△□
750
(675 to 825)
460
615
1240
25
3500
2500
AC 380 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZV14D751
V14751U ○◎☆★
△□
1240
50
5000
4500
ERZV20D751
V20751U ○◎☆★
△□
1240
100
7500
6500
ERZV10D821
V10821U ○●☆★
△□
820
(738 to 902)
510
670
1355
25
3500
2500
ERZV14D821
V14821U ○◎☆★
△□
1355
50
5000
4500
ERZV20D821
V20821U ○◎☆★
△□
1355
100
7500
6500
ERZV10D911
V10911U ○●☆★
△□
910
(819 to 1001)
550
745
1500
25
3500
2500
AC 415 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZV14D911
V14911U ○◎☆★
△□
1500
50
5000
4500
ERZV20D911
V20911U ○◎☆★
△□
1500
100
7500
6500
ERZV10D102
V10102U ○●☆★
△□
1000
(900 to 1100)
625
825
1650
25
3500
2500
AC 480 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZV14D102
V14102U ○◎☆★
△□
1650
50
5000
4500
ERZV20D102
V20102U ○◎☆★
△□
1650
100
7500
6500
ERZV10D112
V10112U ○●☆★
△□
1100
(990 to 1210)
680
895
1815
25
3500
2500
ERZV14D112
V14112U ○◎☆★
△□
1815
50
5000
4500
ERZV20D112
V20112U ○◎☆★
△□
1815
100
7500
6500
ERZV10D182CS V10182U ○●☆★
△□
1800
(1700 to 1980)
1000
1465
2970
25
3500
2500
Line–Ground Applications
(For AC 1200 V Withstanding
Test)
ERZV14D182CS V14182U ○◎☆★
△□
2970
50
5000
4500
ERZV20D182
V20182U ○◎☆★
△□
2970
100
7500
6500
Reference Guide to Standard Products
✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA
○ : UL1449 Ed.3, ● : UL1449 Type3 (or Code-Connected and Direct plug-in), ◎ : UL1449 Type2 (or Permanently Connected),
☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Ed.2 Annex.Q),
△ : UL1414, □ : CSA C22.2 No.1, – : None
※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.
Aug. 2012
01


Similar Part No. - ERZV09D470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV09D470 PANASONIC-ERZV09D470 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV09D470 PANASONIC-ERZV09D470 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV09D470 PANASONIC-ERZV09D470 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV09D470 PANASONIC-ERZV09D470 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV09D470 PANASONIC-ERZV09D470 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV09D470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V511 PANASONIC-ERZ-VA9V511 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D471 PANASONIC-ERZ-VA7D471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D680 PANASONIC-ERZ-VA7D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V221 PANASONIC-ERZ-VA9V221 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com