Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISC6046AU1 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # ISC6046AU1
Description  FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

ISC6046AU1 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  ISC6046AU1 Datasheet HTML 1Page - Isahaya Electronics Corporation ISC6046AU1 Datasheet HTML 2Page - Isahaya Electronics Corporation ISC6046AU1 Datasheet HTML 3Page - Isahaya Electronics Corporation ISC6046AU1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
※This datasheet is possibility of change.
Because this device is developing now.
ISC6046AU1
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
GAIN BAND WIDTH PRODUCT VS.
COLLECTOR CURRENT
10
100
1000
1
10
100
1000
COLLECTOR CURRENT Ic(mA)
Ta=25℃
VCE=20V
COLLECTOR OUTPUT CAPACITANCE VS.
COLLECTOR TO BASE VOLTAGE
1
10
100
0
102030
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
IE=0
f=1MHz


Similar Part No. - ISC6046AU1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISC6053AM1 ISAHAYA-ISC6053AM1 Datasheet
157Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AU1 ISAHAYA-ISC6053AU1 Datasheet
197Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Inchange Semiconductor ...
ISC60NM60L ISC-ISC60NM60L Datasheet
374Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - ISC6046AU1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC6120 ISAHAYA-2SC6120_10 Datasheet
111Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046_10 Datasheet
114Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AM1 ISAHAYA-ISC6053AM1 Datasheet
157Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
INC1001AC1 ISAHAYA-INC1001AC1 Datasheet
115Kb / 2P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3441 ISAHAYA-2SC3441_10 Datasheet
131Kb / 3P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AU1 ISAHAYA-ISC6053AU1 Datasheet
197Kb / 4P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3581AS1 ISAHAYA-ISC3581AS1 Datasheet
157Kb / 3P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046 Datasheet
69Kb / 4P
   GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
RT3C77M ISAHAYA-RT3C77M Datasheet
129Kb / 2P
   Composite Transistor For General Purpose High Current Drive Application Silicon NPN Epitaxial Type
2SA1945 ISAHAYA-2SA1945 Datasheet
120Kb / 3P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com