Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-1462000-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6-1462000-6
Description  MT2 Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-1462000-6 Datasheet(HTML) 3 Page - Tyco Electronics

  6-1462000-6 Datasheet HTML 1Page - Tyco Electronics 6-1462000-6 Datasheet HTML 2Page - Tyco Electronics 6-1462000-6 Datasheet HTML 3Page - Tyco Electronics 6-1462000-6 Datasheet HTML 4Page - Tyco Electronics 6-1462000-6 Datasheet HTML 5Page - Tyco Electronics 6-1462000-6 Datasheet HTML 6Page - Tyco Electronics 6-1462000-6 Datasheet HTML 7Page - Tyco Electronics 6-1462000-6 Datasheet HTML 8Page - Tyco Electronics 6-1462000-6 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MT2 Relay
THT Version
Basic grid 2.54 mm
Mounting hole layout
View onto the component side of the PCB
(top view)
Terminal assignment
Relay - top view
non-latching 1 coil
release condition
THT
mm
inch
L
20.2 + 0.05/-0.02 0.795 + 0.002/-0.0008
W
10 + 0.05/-0.02 0.393 + 0.002/-0.0008
H
11+0.1/-0.2
0.433 + 0.004/-0.008
T
3.1 ± 0.3
0.122 ± 0.011
T1
N/A
N/A
T2
7.62 ± 0.15
0.3 ± 0.005
S
0.55
0.021
Tw 0.5
0.020
Dimension
Page 3 (9)
108-98006 Rev. C


Similar Part No. - 6-1462000-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-1462000-6 MACOM-6-1462000-6 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
6-1462000-6 MACOM-6-1462000-6 Datasheet
488Kb / 9P
   The Best Relaytion
More results

Similar Description - 6-1462000-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C93419 MACOM-C93419 Datasheet
22Kb / 1P
   MT2-Relay Dimebsions
C93401 MACOM-C93401 Datasheet
30Kb / 2P
   MT2-RELAY Dimensions
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
   RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com