Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1015O Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSA1015O
Description  LOW FREQUENCY AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA1015O Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSA1015O Datasheet HTML 1Page - Fairchild Semiconductor KSA1015O Datasheet HTML 2Page - Fairchild Semiconductor KSA1015O Datasheet HTML 3Page - Fairchild Semiconductor KSA1015O Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A3, September 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-150
mA
IB
Base Current
-50
mA
PC
Collector Power Dissipation
400
mW
TJ
Junction Temperature
125
°C
TST9
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -100µA, IE=0
-50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-50
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -10µA, IC=0
-5
V
ICBO
Collector Cut-off Current
VCB= -50V, IE=0
-0.1
µA
IEBO
Emitter Cut-off Current
VEB= -5V, IC=0
-0.1
µA
hFE1
hFE2
DC Current Gain
VCE= -6V, IC= -2mA
VCE= -6V, IC= -150mA
70
25
400
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -100mA, IB= -10mA
-0.1
-0.3
V
VBE (sat)
Base-Emitter Saturation Voltage
IC= -100mA, IB= -10mA
-1.1
V
fT
Current Gain Bandwidth Product
VCE= -10V, IC=-1mA
80
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
4
7
pF
NF
Noise Figure
VCE= -6V, IC= -0.1mA
f=100Hz, RG=10kΩ
0.5
6
dB
Classification
O
Y
GR
hFE1
70 ~ 140
120 ~ 240
200 ~ 400
KSA1015
LOW FREQUENCY AMPLIFIER
• Collector-Base Voltage : VCBO= -50V
• Complement to KSC1815
1. Emitter 2. Collector 3. Base
TO-92
1


Similar Part No. - KSA1015O

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1015OBU FAIRCHILD-KSA1015OBU Datasheet
116Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - KSA1015O

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
   Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
   Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
   LOW FREQUENCY AMPLIFIER
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
   Low frequency amplifier
logo
Usha India Ltd.
2SA539 USHA-2SA539 Datasheet
81Kb / 2P
   LOW FREQUENCY AMPLIFIER
logo
Rohm
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
   Low frequency amplifier
2SD2653 ROHM-2SD2653_1 Datasheet
96Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700_1 Datasheet
97Kb / 3P
   Low frequency amplifier
logo
Littelfuse
2SB1707TL LITTELFUSE-2SB1707TL Datasheet
60Kb / 3P
   Low frequency amplifier
logo
Fairchild Semiconductor
KSA812OMTF FAIRCHILD-KSA812OMTF Datasheet
64Kb / 4P
   Low Frequency Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com