Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1440003-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 9-1440003-0
Description  Miniature PCB Relay PCH
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
04-2012, Rev. 0412
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
OEG
General Purpose Relays
PCB Relays
n
5 to 10A rating
n
1 form A (NO) and 1 form C (CO) contact arrangements
n
Sensitive coil available for 1 form A type
Typical applications
Appliances, HVAC, refrigerators, microwave ovens
Approvals
VDE 119568, UL E82292, CQC08001023449
Technical data of approved types on request
Contact Data
Contact arrangement
1 Form A (NO)
Rated voltage
30VDC, 277VAC
Max. switching voltage
30VDC, 277VAC
Rated current
5 to 10A
Contact material
AgSnO2
Min. recommended contact load
100mA, 5VDC
Frequency of operation
360 ops./h
Operate/release time max.
10/5ms
Electrical endurance
D type: 5A, 277VAC resistive, -30°C to +70°C100x103 ops.
L type: 5A, 277VAC resistive, -30°C to +70°C 30x103 ops.
D/L-WG type: 5A, 250VAC resistive, -40°C to +85°C 100x103 ops.
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
PCH-..2M-WG
A (NO)
5A 250VAC res, 85°C
100x103
PCH-..D2-WG
A of C
5A 250VAC res, 85°C
100x103
PCH-..D2M
A (NO)
5A 250VAC res, 70°C
100x103
PCH-..L2M
A (NO)
5A 250VAC res, 70°C
30x103
PCH-..D2
C (CO)
5A/3A 250VAC res, 40°C
30x103
UL 508
PCH
A (NO)
10A 125VAC res, 85°C
100x103
PCH
A (NO)
5A 250VAC general use, 85°C
100x103
Mechanical endurance, DC coil
10x106 operations
Coil Data
Coil voltage range
3 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL
Class F
Coil Data (continued)
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10 %
mW
Sensitive type (for form A type only)
003
3
2.25
0.15
45
200
005
5
3.75
0.25
125
200
006
6
4.50
0.30
180
200
009
9
6.75
0.45
405
200
012
12
9.00
0.60
720
200
018
18
13.50
0.90
1620
200
024
24
18.00
1.20
2880
200
048
48
36.00
2.40
11520
200
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10 %
mW
Standard type
003
3
2.10
0.15
23
400
005
5
3.50
0.25
63
400
006
6
4.20
0.30
90
400
009
9
6.30
0.45
202
400
012
12
8.40
0.60
360
400
018
18
12.60
0.90
810
400
024
24
16.80
1.20
1440
400
048
48
33.60
2.40
5760
400
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Miniature PCB Relay PCH
© Copyright 2009 by Tyco Electronics Japan G.K. All rights reserved. Edition: 1/2010 REV.B
TYCO Electronics Japan G.K. [3-5-8, Hisamoto Takatsu-ku Kawasaki, 213-8535, Japan, TEL: 81 44 844 8445]
This document is subject to change, Please call local TYCO Electronics for the latest version.
Reference Data
*Above reference data is apply for 1 Form C / NO contact side, rated voltage: 277Vac / Coil power: 400mW.
*Please contact with us about the graph of expected electrical life.
© Copyright 2009 by Tyco Electronics Japan G.K. All rights reserved. Edition: 1/2010 REV.B
TYCO Electronics Japan G.K. [3-5-8, Hisamoto Takatsu-ku Kawasaki, 213-8535, Japan, TEL: 81 44 844 8445]
This document is subject to change, Please call local TYCO Electronics for the latest version.
Reference Data
*Above reference data is apply for 1 Form C / NO contact side, rated voltage: 277Vac / Coil power: 400mW.
*Please contact with us about the graph of expected electrical life.
Z
V
F_PCH_B




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl