Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E205L3YWRE Datasheet(PDF) 2 Page - C&K Components

Part # E205L3YWRE
Description  E Series Sealed Miniature Toggle Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E205L3YWRE Datasheet(HTML) 2 Page - C&K Components

  E205L3YWRE Datasheet HTML 1Page - C&K Components E205L3YWRE Datasheet HTML 2Page - C&K Components E205L3YWRE Datasheet HTML 3Page - C&K Components E205L3YWRE Datasheet HTML 4Page - C&K Components E205L3YWRE Datasheet HTML 5Page - C&K Components E205L3YWRE Datasheet HTML 6Page - C&K Components E205L3YWRE Datasheet HTML 7Page - C&K Components E205L3YWRE Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
F–18
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
E Series
Sealed Miniature Toggle Switches
SWITCH FUNCTION
DPDT
2-1,5-4
2-1,5-4
2-1,5-4
2-1,5-4
N/A
OPEN
N/A
2-3,5-4
2-3,5-6
2-3,5-6
2-3,5-6
2-3,5-6
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
ON
ON
ON
ON
ON
MOM.
MOM.
ON
MOM.
E201
E203
E205
E207
E208
E211 **
E213**
E215**
DP
SPDT
2-1
2-1
2-1
N/A
OPEN
N/A
2-3
2-3
2-3
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
E101
E103
E105
E107
E108
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
MODEL NO.
NO.
POLES
Terminal Numbers
For Reference Only
Terminal Numbers
For Reference Only
DPDT
SPDT
Part number shown: E101SD1CBE
Part number shown: E201SD1CBE
MOM. = Momentary
All models
with all options when ordered with G,R, Q or S contact material except with F1 conductive bushing.
** Wiring for 3-way switch, see Section N.
C&K marking on opposite side
C&K marking on opposite side


Similar Part No. - E205L3YWRE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E205L3D1ABE ITT-E205L3D1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E205L3D1AKE ITT-E205L3D1AKE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E205L3D1AV2BE ITT-E205L3D1AV2BE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E205L3D1AV2KE ITT-E205L3D1AV2KE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E205L3D1V3BE ITT-E205L3D1V3BE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
More results

Similar Description - E205L3YWRE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com