Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-2013022-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-2013022-3
Description  DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-2013022-3 Datasheet(HTML) 4 Page - Tyco Electronics

  2-2013022-3 Datasheet HTML 1Page - Tyco Electronics 2-2013022-3 Datasheet HTML 2Page - Tyco Electronics 2-2013022-3 Datasheet HTML 3Page - Tyco Electronics 2-2013022-3 Datasheet HTML 4Page - Tyco Electronics 2-2013022-3 Datasheet HTML 5Page - Tyco Electronics 2-2013022-3 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 2-2013022-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-2013022-3 MACOM-2-2013022-3 Datasheet
348Kb / 4P
   DDR3 DIMM Sockets
More results

Similar Description - 2-2013022-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-2013022-1 MACOM-2-2013022-1 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6MM PITCH 204POS 4MM HEIGHT STANDARD TYPE
logo
Advantech Co., Ltd.
SQR-SD3N ADVANTECH-SQR-SD3N Datasheet
453Kb / 1P
   SODIMM DDR3
28-Oct-2019
logo
Tyco Electronics
1612618-1 MACOM-1612618-1 Datasheet
365Kb / 4P
   DDR1 DDR2 SODIMM SOCKET 0.6mm PITCH 200POS 9.2mm HEIGHT STANDARD TYPE
1612618-4 MACOM-1612618-4 Datasheet
365Kb / 4P
   DDR1 DDR2 SODIMM SOCKET 0.6MM PITCH 200POS 9.2MM HEIGHT STANDARD TYPE
1473005 MACOM-1473005 Datasheet
389Kb / 4P
   DDR1&DDR2 SODIMM SOCKET 0.6MM PITCH 200POS STANDARD PROFILE STANDARD TYPE
logo
Hynix Semiconductor
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com