Electronic Components Datasheet Search |
|
TF1028S-451Y3R0-01 Datasheet(PDF) 10 Page - TDK Electronics |
|
TF1028S-451Y3R0-01 Datasheet(HTML) 10 Page - TDK Electronics |
10 / 27 page • All specifications are subject to change without notice. (10/27) 002-03 / 20030628 / e93_tf.fm EMC Components TF Series Common Mode Choke Coils(Line Filters) for AC Power Supply Toroidal Core Type TF2528S(VERTICAL TYPE WITH TERMINAL BASE) TYPE SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS ELECTRICAL CHARACTERISTICS TF3233S(VERTICAL TYPE WITH TERMINAL BASE) TYPE SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS ELECTRICAL CHARACTERISTICS 4 2 1 3 L1 L2 ød 1 23 4 ø27max. (10) Weight: 19.5g typ. Recommended hole diameter: ød+0.3 Dimensions in mm 1 0.1 Frequency(MHz) 0.01 0.1 1 10 100 10 100 0.01 TF2528S-451Y10R0-K1 TF2528S-801Y8R0-K1 TF2528S-152Y5R0-K1 TF2528S-402Y4R0-K1 TF2528S-502Y3R0-K1 TF2528S-702Y2R5-K1 Part No. Inductance (mH)min. L1-L2 inductance difference (µH)max. DC resistance ( Ω)max. Rated current Iac (A)max. Dimensions(mm) ød TF2528S-702Y2R5-K1 7 200 0.2 2.5 0.6 TF2528S-502Y3R0-K1 5 150 0.15 3 0.65 TF2528S-402Y4R0-K1 4 100 0.1 4 0.7 TF2528S-152Y5R0-K1 1.5 80 0.05 5 0.8 TF2528S-801Y8R0-K1 0.8 50 0.02 8 1 TF2528S-451Y10R0-K1 0.45 30 0.015 10 1.1 4 2 1 3 L1 L2 ød 1 23 4 ø35max. (18) Weight: 41g typ. Recommended hole diameter: ød+0.3 to 0.5 Dimensions in mm 100 10 1 0.1 0.01 0.01 0.1 1 10 100 Frequency(MHz) TF3233S-601Y15R0-K1 TF3233S-102Y10R0-K1 TF3233S-502Y5R0-K1 TF3233S-202Y8R0-K1 Part No. Inductance (mH)min. L1-L2 inductance difference (µH)max. DC resistance ( Ω)max. Rated current Iac (A)max. Dimensions(mm) ød TF3233S-103Y3R0-K1 10 200 0.15 3 0.7 TF3233S-702Y4R0-K1 7 150 0.1 4 0.8 TF3233S-502Y5R0-K1 5 100 0.05 5 0.9 TF3233S-402Y6R0-K1 4 80 0.03 6 1 TF3233S-202Y8R0-K1 2 60 0.025 8 1.2 TF3233S-102Y10R0-K1 1 30 0.02 10 1.3 TF3233S-601Y15R0-K1 0.6 50 0.007 15 1.6 TF3233S-251Y20R0-K1 0.25 50 0.005 20 1.8 |
Similar Part No. - TF1028S-451Y3R0-01 |
|
Similar Description - TF1028S-451Y3R0-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |