Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603S43NT Datasheet(PDF) 9 Page - TDK Electronics

Part # MLG0603S43NT
Description  Inductors for High Frequency Multilayer Ceramic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603S43NT Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLG0603S43NT Datasheet HTML 5Page - TDK Electronics MLG0603S43NT Datasheet HTML 6Page - TDK Electronics MLG0603S43NT Datasheet HTML 7Page - TDK Electronics MLG0603S43NT Datasheet HTML 8Page - TDK Electronics MLG0603S43NT Datasheet HTML 9Page - TDK Electronics MLG0603S43NT Datasheet HTML 10Page - TDK Electronics MLG0603S43NT Datasheet HTML 11Page - TDK Electronics MLG0603S43NT Datasheet HTML 12Page - TDK Electronics MLG0603S43NT Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
(8/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
MLGseries 
MLG0603S Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
The " △ " of the Part Number contains the inductance tolerance code, B(±0.1nH), C(±0.2nH), S(±0.3nH), H(±3%) or J(±5%).
Please contact us for information on inductance tolerance, G (±2%).
 The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
36
40
14
15
MLG0603S36N
△T□□□
40
47
13
14
MLG0603S39N
△T□□□
44
53
14
14
MLG0603S43N
△T□□□
49
60
13
13
MLG0603S47N
△T□□□
52
64
11
11
MLG0603S51N
△T□□□
59
77
12
11
MLG0603S56N
△T□□□
66
88
11
10
MLG0603S62N
△T□□□
74
104
13
11
MLG0603S68N
△T□□□
82
119
10
8
MLG0603S75N
△T□□□
96
161
12
8
MLG0603S82N
△T□□□
109
9
MLG0603S91N
△T□□□
129
11
MLG0603SR10
△T□□□
134
10
MLG0603SR11
△T□□□
156
9
MLG0603SR12
△T□□□
172
8
MLG0603SR13
△T□□□
223
7
MLG0603SR15
△T□□□
238
7
MLG0603SR16
△T□□□
318
6
MLG0603SR18
△T□□□
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLG0603S43NT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S43NHT000 TDK-MLG0603S43NHT000 Datasheet
152Kb / 14P
   Advanced monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for Highfrequency.
MLG0603S43NHT000 TDK-MLG0603S43NHT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG0603S43NHT000 TDK-MLG0603S43NHT000_17 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG0603S43NHTD25 TDK-MLG0603S43NHTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NHTD25 TDK-MLG0603S43NHTD25 Datasheet
132Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603S43NT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S0N3BT000 TDK-MLG1005S0N3BT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com