Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLCF4020T-150MR68 Datasheet(PDF) 3 Page - TDK Electronics

Part # VLCF4020T-150MR68
Description  Inductors for Power Circuits Wound Ferrite
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLCF4020T-150MR68 Datasheet(HTML) 3 Page - TDK Electronics

  VLCF4020T-150MR68 Datasheet HTML 1Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 2Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 3Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 4Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 5Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 6Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 7Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 8Page - TDK Electronics VLCF4020T-150MR68 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
(3/41)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlcf_en.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
Low-profile product lineup with max. heights of 1.8mm, 2.0mm, 2.4mm, and 2.8mm allowing for different usages.
Magnetic shield construction with ferrite core.
APPLICATION
Power source inductor for mobile devices such as HDDs, DVCs, and DSCs
LCDs, other DC to DC converters
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the VLCF Series
VLCF
4018
T
-
1R6
N
1R7
-
2
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Rated current
Internal code
(mm)
(μH)
(A)
4018
4.0×4.0×1.8
T
Taping
1R6
1.6
M
±20%
1R6
1.6
4020
4.0×4.0×2.0
150
15
N
±30%
150
15
4024
4.0×4.0×2.4
101
100
101
100
4028
4.0×4.0×2.8
5020
5.0×5.0×2.0
5024
5.0×5.0×2.4
5028
5.0×5.0×2.8
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
VLCF4018-2
–40 to +105
–40 to +105
1000
106
VLCF4020
–40 to +105
–40 to +105
1000
112
VLCF4024-2
–40 to +105
–40 to +105
500
138
VLCF4028-2
–40 to +105
–40 to +105
500
159
VLCF5020
–40 to +105
–40 to +105
500
180
VLCF5020-1
–40 to +105
–40 to +105
500
180
VLCF5020-3
–40 to +105
–40 to +105
500
180
VLCF5024-2
–40 to +105
–40 to +105
500
221
VLCF5028-2
–40 to +105
–40 to +105
500
258
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - VLCF4020T-150MR68

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF4020T-150MR68 TDK-VLCF4020T-150MR68 Datasheet
36Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF4020T-150MR68 TDK-VLCF4020T-150MR68 Datasheet
112Kb / 9P
   Wound Ferrite
More results

Similar Description - VLCF4020T-150MR68

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF10165T-4R7N4R73PF TDK-SLF10165T-4R7N4R73PF Datasheet
143Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF7030T-4R7M3R4 TDK-RLF7030T-4R7M3R4_16 Datasheet
128Kb / 9P
   Inductors for Power Circuits Wound Ferrite
RLF12545T-100M5R1-PF TDK-RLF12545T-100M5R1-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLS3015ET-2R2M TDK-VLS3015ET-2R2M Datasheet
742Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com