Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV25T220J Datasheet(PDF) 11 Page - TDK Electronics

Part # NLV25T220J
Description  Inductors for Standard Circuits Wound Ferrite
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T220J Datasheet(HTML) 11 Page - TDK Electronics

Back Button NLV25T220J Datasheet HTML 6Page - TDK Electronics NLV25T220J Datasheet HTML 7Page - TDK Electronics NLV25T220J Datasheet HTML 8Page - TDK Electronics NLV25T220J Datasheet HTML 9Page - TDK Electronics NLV25T220J Datasheet HTML 10Page - TDK Electronics NLV25T220J Datasheet HTML 11Page - TDK Electronics NLV25T220J Datasheet HTML 12Page - TDK Electronics NLV25T220J Datasheet HTML 13Page - TDK Electronics NLV25T220J Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(10/13)
INDUC
T
O
RS
001-01 / 20130516 / e511_nlv.fm
• All specifications are subject to change without notice.
NLV series 
NLV32 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
□ : Please specify internal code, PF (compatible with the RoHS Directive, exemption regulations apply) or EF (compatible with the RoHS Directive)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(MHz)
min.
DC resistance
(
Ω )
max.
Rated current
(mA)
max.
Part No.
(µH)
tolerance
10
±5%
30
2.52
30
2.1
150
NLV32T-100J-
12
±5%
30
2.52
20
2.5
140
NLV32T-120J-
15
±5%
30
2.52
20
2.8
130
NLV32T-150J-
18
±5%
30
2.52
20
3.3
120
NLV32T-180J-
22
±5%
30
2.52
20
3.7
110
NLV32T-220J-
27
±5%
30
2.52
20
5
80
NLV32T-270J-
33
±5%
30
2.52
17
5.6
70
NLV32T-330J-
39
±5%
30
2.52
16
6.4
65
NLV32T-390J-
47
±5%
30
2.52
15
7
60
NLV32T-470J-
56
±5%
30
2.52
13
8
55
NLV32T-560J-
68
±5%
30
2.52
12
9
50
NLV32T-680J-
82
±5%
30
2.52
11
10
45
NLV32T-820J-
100
±5%
20
0.796
10
10
40
NLV32T-101J-
120
±5%
20
0.796
10
11
70
NLV32T-121J-
150
±5%
20
0.796
8
15
65
NLV32T-151J-
180
±5%
20
0.796
7
17
60
NLV32T-181J-
220
±5%
20
0.796
7
21
50
NLV32T-221J-
270
±5%
20
0.796
6
28
45
NLV32T-271J-
330
±5%
20
0.796
5
34
40
NLV32T-331J-
390
±5%
20
0.796
5
36
35
NLV32T-391J-
470
±5%
20
0.796
4
40
25
NLV32T-471J-
Measurement item
Product No.
Manufacturer
L, Q
4191A
+16092A
4194A+16085A+16093B
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLV25T220J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T TDK-NLV25T Datasheet
52Kb / 2P
   For Power Line SMD
NLV25T-010J-EF TDK-NLV25T-010J-EF Datasheet
145Kb / 3P
   Inductors (Coils)
NLV25T-010J-EFD TDK-NLV25T-010J-EFD Datasheet
196Kb / 3P
   Inductors (Coils)
NLV25T-010J-PF TDK-NLV25T-010J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-010J-PF TDK-NLV25T-010J-PF Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV25T220J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV32T-022J-PFD TDK-NLV32T-022J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com