Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLD25-350-SMT-TR Datasheet(PDF) 3 Page - CUI INC

Part # VLD25-350-SMT-TR
Description  LED DRIVER wide input and output voltage range SMT package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLD25-350-SMT-TR Datasheet(HTML) 3 Page - CUI INC

  VLD25-350-SMT-TR Datasheet HTML 1Page - CUI INC VLD25-350-SMT-TR Datasheet HTML 2Page - CUI INC VLD25-350-SMT-TR Datasheet HTML 3Page - CUI INC VLD25-350-SMT-TR Datasheet HTML 4Page - CUI INC VLD25-350-SMT-TR Datasheet HTML 5Page - CUI INC VLD25-350-SMT-TR Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date
11/01/2012 │ page 3 of 6
CUI Inc
│ SERIES: VLD25-SMT │ DESCRIPTION: LED DRIVER
3.04 0.120
2.54 0.100
15.24 0.600
5° max
(6 PLCS)
0.040
1.02
18.10 0.713
0.50 0.020
(6 PLCS)
16
10
9
8
7
1
7.50 0.295
0.939
23.86
8.00 0.315
A
13.70 0.539
DETAIL A
SCALE 8 : 1
0.055
0.20
1.40
0.25 0.010
MECHANICAL DRAWING
PIN CONNECTIONS
Pin
Function
1
GND
7
ON/OFF/PWM
8
-Vout
9
+Vout
10
analog dimming
16
Vin
RECOMMENDED FOOTPRINT (TOP VIEW)
unit: mm(inch)
Pin tolerances: ±0.10mm(±0.039inch)
General tolerances: ±0.25mm(±0.010inch)
7
10 9
1
16
8
2.10 [0.100]
2.54 [0.100]
1.00 [0.039]
grid: 2.54 x 2.54 mm


Similar Part No. - VLD25-350-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLD25-350-DIP CUI-VLD25-350-DIP Datasheet
382Kb / 6P
   LED DRIVER
More results

Similar Description - VLD25-350-SMT-TR

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
Wall Industries,Inc.
RGW2 WALL-RGW2 Datasheet
252Kb / 6P
   2 - 1 Wide Input Voltage Range DIP and SMT Packages
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8513 ALLEGRO-A8513 Datasheet
937Kb / 24P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
Wall Industries,Inc.
RGUW2 WALL-RGUW2 Datasheet
239Kb / 6P
   4 - 1 Ultra Wide Input Voltage Range DIP and SMT Packages
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com