Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXD30-48WD15 Datasheet(PDF) 2 Page - TDK Electronics

Part # PXD30-48WD15
Description  Single and Dual Output 30W DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD30-48WD15 Datasheet(HTML) 2 Page - TDK Electronics

  PXD30-48WD15 Datasheet HTML 1Page - TDK Electronics PXD30-48WD15 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A3: Dec 2011
PXD30W Series
Outline Drawing
Derating Curves
For Additional Information, please visit
us.tdk-lambda.com/lp/products/px-series.htm
HAPXD
(includes thermal adhesive pad)
HAPXBDCLIP
(two clips required when used)
Heat Sink (0.22” high)
PXD10, 20
10-20W, 12V, 24V, 48V input 2x1” DC-DC
PXE20, 30
20-30W, 12V, 24V, 48V input 2x1.6” DC-DC
PXF30-40
30-40W, 12V, 24V, 48V input 2x2” DC-DC
CC-E
1.5 - 25W, 5V, 12V, 24V & 48V input DC-DC
Other Industrial Products
Output
Output
Output
Input
Volt (V)
Curr (A) Power (W)
Volt (V)
Model
Eff.(%)
Single Outputs
3.3V
7.5A
24.75W
9 - 36VDC
PXD30-24WS3P3 86%
3.3V
7.5A
24.75W 18 - 75VDC PXD30-48WS3P3 86%
5V
6.0A
30W
9 - 36VDC
PXD30-24WS05
88%
5V
6.0A
30W
18 - 75VDC PXD30-48WS05
88%
12V
2.5A
30W
9 - 36VDC
PXD30-24WS12
89%
12V
2.5A
30W
18 - 75VDC PXD30-48WS12
90%
15V
2.0A
30W
9 - 36VDC
PXD30-24WS15
89%
15V
2.0A
30W
18 - 75VDC PXD30-48WS15
91%
Dual Outputs
±5V
±3.0A
30W
9 - 36VDC
PXD30-24WD05
88%
±5V
±3.0A
30W
18 - 75VDC PXD30-48WD05
88%
±12V
±1.25A
30W
9 - 36VDC
PXD30-24WD12
87%
±12V
±1.25A
30W
18 - 75VDC PXD30-48WD12
88%
±15V
±1.0A
30W
9 - 36VDC
PXD30-24WD15
87%
±15V
±1.0A
30W
18 - 75VDC PXD30-48WD15
88%
Pin #
Function
Single Output
Dual Output
1
+ Input
+ Input
2
- Input
- Input
3
Remote On/Off
Remote On/Off
4
+ Output
+ Output
5
- Output
Common
6
Trim
- Output
Suffix
Function
No Suffix
Positive Logic
-N
Negative Logic
Model Selector
Pinout
Remote On/Off Option


Similar Part No. - PXD30-48WD15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD30-48WS05 TDK-PXD30-48WS05 Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30-48WS12 TDK-PXD30-48WS12 Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30-48WS15 TDK-PXD30-48WS15 Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30-48WS3P3 TDK-PXD30-48WS3P3 Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
More results

Similar Description - PXD30-48WD15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
   2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
   4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com