Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VGS-50-33 Datasheet(PDF) 4 Page - CUI INC

Part # VGS-50-33
Description  SWITCHING POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-50-33 Datasheet(HTML) 4 Page - CUI INC

  VGS-50-33 Datasheet HTML 1Page - CUI INC VGS-50-33 Datasheet HTML 2Page - CUI INC VGS-50-33 Datasheet HTML 3Page - CUI INC VGS-50-33 Datasheet HTML 4Page - CUI INC VGS-50-33 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date
08/12/2011 │ page 4 of 5
CUI Inc
│ SERIES: VGS-50 │ DESCRIPTION: SWITCHING POWER SUPPLY
40.00 1.575
28.50 1.122
B
B
N
+V
-V
GND
L
0.374
9.50
(4 PLCS)
8.30 0.327
(5 PLCS)
B
B
M3
(2 PLCS)
21.25 0.837
88.50 3.484
0.138
3.50
55.00
3.898
99.00
3.209
81.50
1.594
40.50
(2 PLCS)
0.138
3.50
2.165
0.197
5.00
5.00 0.197
M3
(2 PLCS)
28.50 1.122
18.00 0.709
6.50 0.256
3.435
(2 PLCS)
74.00 2.913
0.138
3.50
87.25
18.00 0.709
35.50 1.398
MECHANICAL DRAWING
Note:
terminal block screws #6-32 (5 PLCS)
Tolerance: ±0.3mm unless otherwise
specified


Similar Part No. - VGS-50-33

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-50-3.3 CUI-VGS-50-3.3 Datasheet
651Kb / 5P
   AC-DC POWER SUPPLY
11/08/2017
More results

Similar Description - VGS-50-33

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com