Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VGS-25-5 Datasheet(PDF) 2 Page - CUI INC

Part # VGS-25-5
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-25-5 Datasheet(HTML) 2 Page - CUI INC

  VGS-25-5 Datasheet HTML 1Page - CUI INC VGS-25-5 Datasheet HTML 2Page - CUI INC VGS-25-5 Datasheet HTML 3Page - CUI INC VGS-25-5 Datasheet HTML 4Page - CUI INC VGS-25-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 02/14/2013
│ page 2 of 5
CUI Inc
│ SERIES: VGS-25 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
nom
max
units
voltage range
88
125
264
373
Vac
Vdc
frequency range
50
60
Hz
current
at 115 Vac, cold start
at 230 Vac, cold start
0.7
0.35
A
A
inrush current
at 230 Vac, full load, cold start
30
A
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage adjust
±10
voltage tolerance
3.3 V models
5 V models
all other models
±3
±2
±1
%
%
%
line regulation
low line to high line
±0.5
%
load regulation
3.3 V models
5 V models
all other models
±2.0
±1.0
±0.5
%
%
%
start-up time
at 115 Vac, cold start
at 230 Vac, cold start
1.0
0.8
s
s
rise time
at 115 Vac, cold start
at 230 Vac, cold start
65
50
ms
ms
hold-up time
at 115 Vac, cold start
at 230 Vac, cold start
10
32
ms
ms
PROTECTIONS
parameter
conditions/description
min
nom
max
units
over load
Hiccup mode, auto recovery
110
%
over voltage
latch off mode
115
150
%
over-temperature
52
°C
short circuit
continuous
SAFETY & COMPLIANCE
parameter
conditions/description
min
nom
max
units
isolation voltage
input to output:
input to case:
output to case:
4,242
2,121
707
Vdc
Vdc
Vdc
isolation resistance
input to output at 500 V dc
100
MΩ
safety approvals
UL 60950-1 / TUV EN 60950-1
EMI/EMC
EN 55022 : 1998+A1 : 2000+A2 : 2003 Class B, EN 61000-3-2 : 2000+A2 : 2005 Class A, EN 61000-
3-3 : 1995+A1 : 2001, EN 61204-3 : 2000 EN 50204 1998+A1 : 2001+A2 : 2003 light industry level,
criteria A
leakage current
measured per IEC 60950-1, paragraph 5.1,
test voltage of 240 Vac/60 Hz
2
mA
RoHS compliant
yes
MTBF
at 230 Vac, MIL-HDBK-217F 25 °C ambient
620,300
hrs


Similar Part No. - VGS-25-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-25-5 CUI-VGS-25-5 Datasheet
444Kb / 5P
   switching power supply
VGS-25-5 CUI-VGS-25-5 Datasheet
375Kb / 5P
   AC-DC POWER SUPPLY
04/11/2017
More results

Similar Description - VGS-25-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com