Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VGD-60-D512 Datasheet(PDF) 3 Page - CUI INC

Part # VGD-60-D512
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-60-D512 Datasheet(HTML) 3 Page - CUI INC

  VGD-60-D512 Datasheet HTML 1Page - CUI INC VGD-60-D512 Datasheet HTML 2Page - CUI INC VGD-60-D512 Datasheet HTML 3Page - CUI INC VGD-60-D512 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VGD-60 │ DESCRIPTION: AC-DC POWER SUPPLY
date
08/16/2012 │ page 3 of 4
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
5.1 x 3.9 x 1.5 (129 x 98 x 38 mm)
inch
cooling method
free air convection (see derating curve below)
weight
433
g
DERATING CURVES
8.20 0.323
9.50 0.374
9.00 0.354
6.50 0.256
120.00 4.724
3.50 0.138
38.00 1.496
8.50 0.728
28.50 1.122
9.50 0.374
32.00 1.260
77.00 3.031
3.50 0.138
M3 (3 PLCS)
18.00 0.709
33.00 1.299
31.00 1.220
85.50 3.366
98.00 3.858
3.50 0.138
(2 PLCS)
M3 (2 PLCS)
73.50 2.894
129.00 5.079
MECHANICAL DRAWING
PIN CONNECTIONS
Pin
Function
1
ac line
2
ac neutral
3
FG
4
COM
5
+V2
6
COM
7
+V1
units mm[inches]
tolerance:
±0.3mm unless otherwise specified


Similar Part No. - VGD-60-D512

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGD-60-D512 CUI-VGD-60-D512 Datasheet
287Kb / 4P
   AC-DC POWER SUPPLY
VGD-60-D512 CUI-VGD-60-D512 Datasheet
418Kb / 4P
   AC-DC POWER SUPPLY
07/10/2018
VGD-60-D512 CUI-VGD-60-D512_14 Datasheet
287Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VGD-60-D512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com