Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF2024-601Y3R0-T01 Datasheet(PDF) 2 Page - TDK Electronics

Part # HF2024-601Y3R0-T01
Description  Common Mode Choke Coils Line Filters For power line, Closed magnetic circuit core type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF2024-601Y3R0-T01 Datasheet(HTML) 2 Page - TDK Electronics

  HF2024-601Y3R0-T01 Datasheet HTML 1Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 2Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 3Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 4Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 5Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 6Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 7Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 8Page - TDK Electronics HF2024-601Y3R0-T01 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
(1/10)
001-02 / 20101125 / e93_hf.fm
• All specifications are subject to change without notice.
Common Mode Choke Coils(Line Filters) for AC Power Supply
Closed Magnetic Circuit Core Type HF Series
TDK common mode choke coils(line filters) are used in a wide
range of prevention of electromagnetic interference(EMI) and radio
frequency interference(RFI) from power supply lines and for pre-
vention of multifunctioning of products such as measuring equip-
ment and system equipment.
FEATURES
• Wide range of selection.
• High impedance at applicable frequency.
• High self-resonant frequency.
PRODUCT IDENTIFICATION
(1) Core shape
HF: Square shaped closed magnetic circuit core type
(2) Dimensional code
Width
×Depth
(3) External shape code
V: Vertical type H: Horizontal type
(4) High µ material
(5) Inductance value
Example) 133:13mH
(6) Rated current value
Example) 3R0:3.0A
(7) Product management number
SELECTION CHART
Handling power=(Inductance value)×(Current)2. It is possible to design within the range below this value.
[Example] The coil for 2A can make even the inductance of 2.5mH or less a product for handling power 10.
Conformity to RoHS Directive
HF
V - AY
R
- 01
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Series
Configuration
Type
Inductance value
(
mH)min.
Rated current
(A)
Handling power
L
×I2(mH×A2)
Weight
(g)typ.
Minimum
package quantity
(pieces/box)
HF
Vertical type
HF2316
1.2 to 145
0.2 to 3
10.5
10.5
800
HF2318
1.5 to 100
0.3 to 3
13
13.5
800
HF2922
3.2 to 100
0.5 to 3
29
20
440
Closed magnetic
circuit
core types
HF2024
0.6 to 33
0.3 to 3
7.6
10
800
HF2422
2.4 to 68
0.4 to 2.5
15
19.5
540
HF2430
2.4 to 68
0.4 to 2.5
15
19.5
400
HF2826
1.8 to 35
1 to 4
35
28
480
HF2836
1.8 to 35
1 to 4
35
30
400
HF3545
4.7 to 33
1.5 to 4
75
65
140
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - HF2024-601Y3R0-T01

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF2020A-UP SOSHIN-HF2020A-UP Datasheet
192Kb / 5P
   Single-phase 2-line 250VAC
HF2020A-UPF SOSHIN-HF2020A-UPF Datasheet
185Kb / 5P
   Single-phase two-wire 250VAC
More results

Similar Description - HF2024-601Y3R0-T01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TF1028S TDK-TF1028S Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF0804B-08P-01 TDK-TF0804B-08P-01 Datasheet
347Kb / 7P
   Common Mode Choke Coils(Line Filters) for Signal Line UF and TF Series
TCM1210 TDK-TCM1210 Datasheet
49Kb / 2P
   Common Mode Choke Coils for Signal Line
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com