Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBK-5-5 Datasheet(PDF) 5 Page - CUI INC

Part # PBK-5-5
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-5-5 Datasheet(HTML) 5 Page - CUI INC

  PBK-5-5 Datasheet HTML 1Page - CUI INC PBK-5-5 Datasheet HTML 2Page - CUI INC PBK-5-5 Datasheet HTML 3Page - CUI INC PBK-5-5 Datasheet HTML 4Page - CUI INC PBK-5-5 Datasheet HTML 5Page - CUI INC PBK-5-5 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date
08/09/2013 │ page 5 of 6
CUI Inc
│ SERIES: PBK-5 │ DESCRIPTION: AC-DC POWER SUPPLY
EMC RECOMMENDED CIRCUIT
TYPICAL APPLICATION CIRCUIT
C2
C3
1
+Vo
-Vo
TVS
RL
12
14
L
N
C1
+
5
+
3
MOV
7
AC-DC
CY0
L1
+
C4
CX1
Recommended External Circuit Components
MOV
561KD14
R1, R2
2Ω/3W winding resistor
R3
1MΩ/2W
CY1, CY2,
CY3, CY4
1nF/400Vac
CX
0.22μF/275Vac
LCM
10mH-30mH
FUSE
1A/250V
Figure 2
Table 2
Figure 3
Table 3
N
L
L
PE
MOV
R2
R1
LCM
R3
CX
CY3
CY4
AC-DC
CY1
CY2
C1
+
5
FUSE
14
CY0
12
7
N
-Vo
+Vo
L1
+
+
OUT PUT
C2
C3
Recommended external circuit components
V
OUT
(Vdc)
C1
C2
C3
C4
L1
CY0
FUSE
TVS
NTC
MOV
3.3
33μF/400V
470μF/16V
150μF/35V 100nF/50V
0.47uH
1nF/400Vac
1A/250V
SMBJ7.0A
5D-9
561KD14
533μF/400V
470μF/16V
150μF/35V 100nF/50V
0.47uH
1nF/400Vac
1A/250V
SMBJ7.0A
5D-9
561KD14
933μF/400V
330μF/35V
150μF/35V 100nF/50V
1uH
1nF/400Vac
1A/250V
SMBJ12A
5D-9
561KD14
12
33μF/400V
330μF/35V
150μF/35V 100nF/50V
1uH
1nF/400Vac
1A/250V
SMBJ20A
5D-9
561KD14
15
33μF/400V
330μF/35V
150μF/35V 100nF/50V
1uH
1nF/400Vac
1A/250V
SMBJ20A
5D-9
561KD14
24
33μF/400V
100μF/35V
47μF/35V
100nF/50V
4.7uH
1nF/400Vac
1A/250V
SMBJ30A
5D-9
561KD14
Notes:
1. C1 is a required electrolytic capacitor for AC input. We recommend a 33μF/400V capacitor for C1.
2. C1 is a required EMC capacitor for DC input. We recommend a 33μF/400V for C1. When input voltage is above 370VDC, and the value of C1 should be 33μF/450V. If EMC
performance is not required, C1 could be 10μF/400V.
3. Output filtering capacitors C2 and C3 are electrolytic capacitors and are required for both AC or DC inputs. Together they make a pi capacitor circuit with L1. We
recommend using high frequency and low impedance electrolytic capacitors. Voltage derating of capacitors should be 80% or above. C4 is ceramic capacitor, it is used to
filter high frequency noise. For current of L1 please refer to manufacture’s datasheet. Voltage derating of capacitors should be 80% or above.TVS is a recommended
component to protect post-circuits if converter fails.
4. All specifications measured at Ta=25C, humidity <75%, 115 Vac and 230 Vac input voltage, and rated output load, unless otherwise specified.
Note:
1. Also refer to Table 2.


Similar Part No. - PBK-5-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBK-5-5 CUI-PBK-5-5 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PBK-5-5 CUI-PBK-5-5 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PBK-5-5 CUI-PBK-5-5 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
More results

Similar Description - PBK-5-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com