Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012C0G2W471J060AA Datasheet(PDF) 10 Page - TDK Electronics

Part # C2012C0G2W471J060AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012C0G2W471J060AA Datasheet(HTML) 10 Page - TDK Electronics

Back Button C2012C0G2W471J060AA Datasheet HTML 6Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 7Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 8Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 9Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 10Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 11Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 12Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 13Page - TDK Electronics C2012C0G2W471J060AA Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
• All specifications are subject to change without notice.
EIA CC1812 [C4532]
X5R
X7R
X7S
X7T
2J
(630V)
2E
(250V)
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
683
104
154
224
304
334
474
684
105
155
225
335
475
68,000
100,000
150,000
220,000
300,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
1.60 mm
2.00 mm
2.30 mm
2.50 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (±10%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 100V (2A)
Standard
Thickness
Capacitance Range Chart
Temperature Characteristics: X5R (±15%), X7R (±15%), X7S (±22%), X7T(+22%/-33%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 100V (2A)
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
K: ± 10%
M: ± 20%
Standard Thickness
C0G
CH
JB
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2W
(450V)
2W
(450V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
822
103
153
223
333
473
683
104
154
224
334
684
105
155
225
8,200
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
680,000
1,000,000
1,500,000
2,200,000
1.60 mm
2.00 mm
2.30 mm
2.50 mm
3.20 mm
J : ± 5%
K ± 10%
M :
:
± 20%
Page 9
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130626 / mlcc_commercial_midvoltage_en


Similar Part No. - C2012C0G2W471J060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012C0G2W471J060AA TDK-C2012C0G2W471J060AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C2012C0G2W471J060AA TDK-C2012C0G2W471J060AA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012C0G2W471J060AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com