Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4470 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KM4470
Description  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4470 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KM4470 Datasheet HTML 2Page - Fairchild Semiconductor KM4470 Datasheet HTML 3Page - Fairchild Semiconductor KM4470 Datasheet HTML 4Page - Fairchild Semiconductor KM4470 Datasheet HTML 5Page - Fairchild Semiconductor KM4470 Datasheet HTML 6Page - Fairchild Semiconductor KM4470 Datasheet HTML 7Page - Fairchild Semiconductor KM4470 Datasheet HTML 8Page - Fairchild Semiconductor KM4470 Datasheet HTML 9Page - Fairchild Semiconductor KM4470 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
REV. 5 December 2002
2nd & 3rd Harmonic Distortion
Frequency (kHz)
0
20
40
60
80
3rd
RL = 1kΩ
100
3rd
RL = 200Ω
2nd
RL = 10kΩ
2nd
RL = 1kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
3rd
RL = 10kΩ
2nd
RL = 200Ω
2nd Harmonic Distortion vs. Vo
Output Amplitude (Vpp)
0.5
1
1.5
2
100kHz
50kHz
10kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
10kHz, 20kHz
50kHz
3rd Harmonic Distortion vs. Vo
Output Amplitude (Vpp)
0.5
1
1.5
2
100kHz
50kHz
10kHz
2.5
-90
-80
-70
-60
-50
-40
-30
-20
20kHz
CMRR
Frequency (Hz)
10
100
10000
1000
100000
-90
-80
-70
-60
0
-50
-40
-10
-30
-20
PSRR
Frequency (Hz)
10
10000
1000
100
100000
-90
-70
-60
-50
-40
0
-30
-20
-10
-80
Output Swing vs. Load
Input Voltage (0.4V/div)
-2.0
0
2.0
-1.35
0
1.35
RL = 10kΩ
RL = 1kΩ
RL = 75/100Ω
RL = 200Ω
RL = 100Ω
RL = 75Ω
Pulse Resp. vs. Common Mode Voltage
Time (1µs/div)
1.2V offset
0.6V offset
No offset
-0.6V offset
-1.2V offset
Input Voltage Noise
Frequency (Hz)
0.1k
100k
10k
1k
1M
0
10
15
20
25
55
30
35
40
45
50
5
DATA SHEET
KM4170, KM4270, KM4470
Typical Operating Characteristics
(Vs = +2.7V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ; unless otherwise noted)


Similar Part No. - KM4470

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C16100B SAMSUNG-KM44C16100B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A-10 SAMSUNG-KM44C256A-10 Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - KM4470

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com