Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4520X7S3A222M160KA Datasheet(PDF) 3 Page - TDK Electronics

Part # C4520X7S3A222M160KA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4520X7S3A222M160KA Datasheet(HTML) 3 Page - TDK Electronics

  C4520X7S3A222M160KA Datasheet HTML 1Page - TDK Electronics C4520X7S3A222M160KA Datasheet HTML 2Page - TDK Electronics C4520X7S3A222M160KA Datasheet HTML 3Page - TDK Electronics C4520X7S3A222M160KA Datasheet HTML 4Page - TDK Electronics C4520X7S3A222M160KA Datasheet HTML 5Page - TDK Electronics C4520X7S3A222M160KA Datasheet HTML 6Page - TDK Electronics C4520X7S3A222M160KA Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• All specifications are subject to change without notice.
Type: C3216 [EIA CC1206], C3225 [EIA CC1210], C4520 [EIA CC1808],
C4532 [EIA CC1812], C5750 [EIA CC2220]
Features
Applications
L Body Length
W Body Width
T Body Height
B Terminal Width
G Terminal Spacing
Shape &
Dimensions
Cautions
• Inverter circuits with a liquid crystal backlight
• LAN card
• General high voltage circuits
• Noise bypass for power supply
• Transceiver for LAN
• Hub, etc.
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
Terminal
C3216
3.20 ± 0.20 1.60 ± 0.20 0.20 min.
C3225
3.20 ± 0.40 2.50 ± 0.30 0.20 min.
C4520
4.50 ± 0.40 2.00 ± 0.30 0.20 min.
C4532
4.50 ± 0.40 3.20 ± 0.40 0.20 min.
C5750
5.70 ± 0.40 5.00 ± 0.40 0.20 min.
Code
Tolerance
F
± 1pF
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
K
178” Reel, 8mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/°C
-55 to +125°C
0±60 ppm/°C
-25 to +85°C
±10%
-25 to +85°C
±15%
-55 to +125°C
±22%
-55 to +125°C
CH
JB
X7R
X7S
Part Number
Construction
C • 5750 • X7S • 3A • 473 • K • 250 • K • A
Code
Thickness
085
0.85 mm
110
1.10 mm
130
1.30 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
Special Reserved Code
Code
Description
A
TDK Internal Code
Code
Voltage (DC)
3A
1,000V
3D
2,000V
Code
Voltage (DC)
3,000V
3F
C Series
High Voltage (1000V and over)
The capacitance is expressed in three digit codes and in units of
pico Farads (pF). The first and second digits identify the first and
second significant figures of the capacitance. The third digit
identifies the multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF
• Advanced design provides improved withstand voltage characteristics.
• TDK’s proprietary internal electrode structure and the use of
low-dielectric-strength material result in highly reliable performance in
high-voltage applications.
• Complies with ISO8802-3 for LAN applications.
• Designed exclusively for reflow soldering (C3216 type also supports
flow soldering).
• AEC-Q200 compliant.
• This product intended solely for reflow soldering.
• A slit of about 1mm on the circuit board is recommended to improve removal of
the flux after soldering.
• Ensure that this product is completely dried following washing.
• Because this product will be subjected to high voltages, use only low-activity
rosin flux (with 0.2% max. of chlorine).
• Using this product with aluminum circuit boards must be considered a special
implementation because the high heat stress levels are involved. In case of
using aluminum circuit boards, please contact TDK.
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_highvoltage_en


Similar Part No. - C4520X7S3A222M160KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520X7S3A222M160KA TDK-C4520X7S3A222M160KA Datasheet
1Mb / 7P
   C Series Commercial Grade High Voltage (1000V and over)
More results

Similar Description - C4520X7S3A222M160KA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com