Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHM1712D1 Datasheet(PDF) 8 Page - TDK Electronics

Part # HHM1712D1
Description  Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1712D1 Datasheet(HTML) 8 Page - TDK Electronics

  HHM1712D1 Datasheet HTML 1Page - TDK Electronics HHM1712D1 Datasheet HTML 2Page - TDK Electronics HHM1712D1 Datasheet HTML 3Page - TDK Electronics HHM1712D1 Datasheet HTML 4Page - TDK Electronics HHM1712D1 Datasheet HTML 5Page - TDK Electronics HHM1712D1 Datasheet HTML 6Page - TDK Electronics HHM1712D1 Datasheet HTML 7Page - TDK Electronics HHM1712D1 Datasheet HTML 8Page - TDK Electronics HHM1712D1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(7/8)
001-02 / 20101206 / e751_multibalun_hhm11
• All specifications are subject to change without notice.
Multilayer Chip Baluns
For Bluetooth & 2.4GHz W-LAN
HHM Series HHM1713E2
SHAPES AND DIMENSIONS
0.6
±0.1
0.3
±0.1
0.1
±0.1 0.25±0.1
1.6
±0.1
654
123
Dimensions in mm
0.55
±0.1
1
Unbalanced port
2
GND or DC feed+ RF GND
3
Balanced port
4
Balanced port
5
GND
6
N.C.
Terminal functions
CIRCUIT DIAGRAM
12
3
5
64
Unbalanced
input
50
Balanced
output
200
RECOMMENDED PC BOARD PATTERNS
0.25
0.30
Dimensions in mm
ELECTRICAL CHARACTERISTICS
Unbalanced impedance
50
Balanced impedance
200
Frequency range
00 to
24
2500MHz
Unbalanced port return loss
10dB min.
Phase imbalance at balanced port
180±10deg.
Amplitude imbalance at balanced port
0±1.7dB
Insertion loss
1.2dB max.
Temperature range
Operating
–40 to +85°C
Storage
–40 to +85°C
Packaging style and quantities
4000pieces/reel
Conformity to RoHS Directive
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - HHM1712D1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM17125D1 TDK-HHM17125D1 Datasheet
69Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1712D1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1517 TDK-HHM1517_13 Datasheet
166Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
HMD972U SOSHIN-HMD972U Datasheet
84Kb / 3P
   2.4GHz Balun for Bluetooth
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1 Datasheet
58Kb / 5P
   Multilayer Low Pass Filters For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
HMD971U SOSHIN-HMD971U Datasheet
121Kb / 3P
   2.4GHz Balun for Bluetooth
HMD973B SOSHIN-HMD973B Datasheet
123Kb / 3P
   2.4GHz Balun for Bluetooth
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD904D SOSHIN-HMD904D Datasheet
165Kb / 3P
   2.4GHz LPF for Wireless LAN & Bluetooth
HMD844H SOSHIN-HMD844H Datasheet
141Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com