Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHM1524B1 Datasheet(PDF) 8 Page - TDK Electronics

Part # HHM1524B1
Description  Multilayer Balun Transformers For GSM900 Tx Rx
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1524B1 Datasheet(HTML) 8 Page - TDK Electronics

  HHM1524B1 Datasheet HTML 1Page - TDK Electronics HHM1524B1 Datasheet HTML 2Page - TDK Electronics HHM1524B1 Datasheet HTML 3Page - TDK Electronics HHM1524B1 Datasheet HTML 4Page - TDK Electronics HHM1524B1 Datasheet HTML 5Page - TDK Electronics HHM1524B1 Datasheet HTML 6Page - TDK Electronics HHM1524B1 Datasheet HTML 7Page - TDK Electronics HHM1524B1 Datasheet HTML 8Page - TDK Electronics HHM1524B1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(7/8)
001-02 / 20101207 / e751_multibalun_hhm04
• All specifications are subject to change without notice.
Multilayer Chip Baluns
Conformity to RoHS Directive
For EGSM/Tx & Rx
HHM Series HHM1524B1
SHAPES AND DIMENSIONS
0.95
±0.1
0.65
±0.2
0.3
±0.2
0.2
±0.2 0.35±0.2
2.0
±0.15
654
123
Dimensions in mm
1
Unbalanced port
2
GND or DC feed+ RF GND
3
Balanced port
4
Balanced port
5
GND
6
N.C.
Terminal functions
CIRCUIT DIAGRAM
12
3
5
64
Unbalanced
input
50
Balanced
output
150
RECOMMENDED PC BOARD PATTERNS
0.35
0.30
Dimensions in mm
ELECTRICAL CHARACTERISTICS
Unbalanced impedance
50
Balanced impedance
150
Frequency range
880 to 960MHz
Unbalanced port return loss
10dB min.
Phase imbalance at balanced port
180±10deg.
Amplitude imbalance at balanced port
0±1.0dB
Insertion loss
1.0dB max.
Temperature range
Operating
–40 to +85°C
Storage
–40 to +85°C
Packaging style and quantities
2000pieces/reel
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and
specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - HHM1524B1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1524B1 TDK-HHM1524B1_15 Datasheet
68Kb / 6P
   Multilayer Balun
More results

Similar Description - HHM1524B1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1776B3 TDK-HHM1776B3 Datasheet
86Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx & Rx
HHM1506 TDK-HHM1506 Datasheet
88Kb / 9P
   Multilayer Balun Transformers For W-CDMA Tx & Rx
logo
Sony Corporation
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
   GSM900/1800/1900 SPDT TX/RX Switch
logo
TDK Electronics
HHM1733B1 TDK-HHM1733B1 Datasheet
85Kb / 8P
   Multilayer Balun Transformers
HHM1522A7 TDK-HHM1522A7 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1523B3 TDK-HHM1523B3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1517 TDK-HHM1517_13 Datasheet
166Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
HHM1710D1 TDK-HHM1710D1 Datasheet
167Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
logo
MPS Industries, Inc.
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
   BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
   Balun Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com