Electronic Components Datasheet Search |
|
HF2318-A104Y0R3-01 Datasheet(PDF) 11 Page - TDK Electronics |
|
HF2318-A104Y0R3-01 Datasheet(HTML) 11 Page - TDK Electronics |
11 / 11 page (10/10) 001-02 / 20101125 / e93_hf.fm • All specifications are subject to change without notice. HF3545(DOUBLE-SQUARE SHAPED CLOSED MAGNETIC CIRCUIT CORE) TYPE SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS ELECTRICAL CHARACTERISTICS • Measuring equipment of inductance value: LCR meter(HP4261A, HP4263B or equivalent)[f=1kHz] PACKAGING QUANTITIES RATINGS ∗1 Pb free solder(Sn-3Ag-0.5Cu) ∗2 However, this product is not recognized by each regulations. 37max. 26max. ø1.2x6 Weight: 65g typ. Recommended hole diameter: ø1.7 Dimensions in mm 23 L1 L2 14 21±0.5 2 3 1 4 1000 100 10 1 0.1 0.01 0.1 1 10 100 Frequency(MHz) 472Y 333Y 183Y 123Y 562Y 822Y 103Y Part No. Inductance (mH)min. DC resistance ( Ω)max. Rated current Iac (A)max. HF3545-333Y1R5-T01 33 0.42 1.5 HF3545-223Y1R8-T01 22 0.29 1.8 HF3545-183Y2R0-T01 18 0.23 2 HF3545-153Y2R2-T01 15 0.21 2.2 HF3545-123Y2R5-T01 12 0.17 2.5 HF3545-103Y2R7-T01 10 0.13 2.7 HF3545-822Y3R0-T01 8.2 0.105 3 HF3545-562Y3R5-T01 5.6 0.077 3.5 HF3545-472Y4R0-T01 4.7 0.062 4 HF3545 140pieces/box Item Standard value Conditions Rated voltage(V) 80 to 280 50Hz/60Hz Dielectric withstanding voltage(V) 2000 Between each winding for 1 minute Insulation resistance (M Ω) 100min. Between each winding for DC.500V Temperature rise(°C) 50max. With line resistance Operating temperature range(°C) –20 to +120 Including self-temperature rise Storage temperature range(°C) –20 to +85 Resistance to soldering tenperature∗1 260±5°C, 10±1sec Solder bath method 350±5°C, 5sec max. Soldering iron method Applicable safety standard∗2 Electrical Appliance and Material Safety Law ("DENAN"), IEC60065, UL6500, CSA C22.2 |
Similar Part No. - HF2318-A104Y0R3-01 |
|
Similar Description - HF2318-A104Y0R3-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |