Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0855DPB-00-J5 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0855DPB-00-J5
Description  80V, 30A, 11 m max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0855DPB-00-J5 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0855DPB-00-J5 Datasheet HTML 1Page - Renesas Technology Corp RJK0855DPB-00-J5 Datasheet HTML 2Page - Renesas Technology Corp RJK0855DPB-00-J5 Datasheet HTML 3Page - Renesas Technology Corp RJK0855DPB-00-J5 Datasheet HTML 4Page - Renesas Technology Corp RJK0855DPB-00-J5 Datasheet HTML 5Page - Renesas Technology Corp RJK0855DPB-00-J5 Datasheet HTML 6Page - Renesas Technology Corp RJK0855DPB-00-J5 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0855DPB
Preliminary
R07DS1056EJ0200 Rev.2.00
Page 3 of 6
Apr 11, 2013
Main Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Case Temperature Tc (°C)
Power vs. Temperature Derating
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
12
3
4
5
80
60
40
20
0
50
100
150
200
VDS = 10 V
Pulse Test
VGS = 3.8 V
10
1
1
10
100
1000
400
320
240
160
80
0
4
8
12
16
20
Pulse Test
ID = 20 A
10 A
100
VGS = 10 V
4.2 V
4.6 V
10 V
Pulse Test
0.1
1
10
100
10
100
1000
1
0.01
0.1
PW = 10 ms
DC Operation
1 ms
Operation in
this area is
limited by RDS(on)
Tc = 25
°C
1 shot Pulse
5 A
4.4 V
Pulse Test
4.0 V
4.8 V
Tc = 75
°C
25
°C
–25
°C


Similar Part No. - RJK0855DPB-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0855DPB RENESAS-RJK0855DPB_15 Datasheet
155Kb / 7P
   80V, 30A, 11 m??max. Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0855DPB-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0855DPB RENESAS-RJK0855DPB_15 Datasheet
155Kb / 7P
   80V, 30A, 11 m??max. Silicon N Channel Power MOS FET Power Switching
RJK0852DPB RENESAS-RJK0852DPB_13 Datasheet
108Kb / 7P
   80V, 30A, 12m max. Silicon N Channel Power MOS FET Power Switching
RJK0854DPB RENESAS-RJK0854DPB_15 Datasheet
137Kb / 7P
   80V, 25A, 13 m??max Silicon N Channel Power MOS FET Power Switching
RJK0854DPB RENESAS-RJK0854DPB Datasheet
137Kb / 7P
   80V, 25A, 13 m max. Silicon N Channel Power MOS FET Power Switching
RJK0856DPB RENESAS-RJK0856DPB_15 Datasheet
154Kb / 7P
   80V, 35A, 8.9m??max. Silicon N Channel Power MOS FET Power Switching
RJK0853DPB RENESAS-RJK0853DPB_15 Datasheet
108Kb / 7P
   80V, 40A, 8.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0856DPB RENESAS-RJK0856DPB Datasheet
153Kb / 7P
   80V, 35A, 8.9m max. Silicon N Channel Power MOS FET Power Switching
Apr 11, 2013
RJK0851DPB RENESAS-RJK0851DPB_15 Datasheet
108Kb / 7P
   80V, 20A, 23m??max. Silicon N Channel Power MOS FET Power Switching
RJK0851DPB RENESAS-RJK0851DPB_13 Datasheet
108Kb / 7P
   80V, 20A, 23m max. Silicon N Channel Power MOS FET Power Switching
RJK0853DPB RENESAS-RJK0853DPB_13 Datasheet
108Kb / 7P
   80V, 40A, 8.0m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com