Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH36W-39S-03SHW Datasheet(PDF) 4 Page - Hirose Electric

Part # FH36W-39S-03SHW
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36W-39S-03SHW Datasheet(HTML) 4 Page - Hirose Electric

  FH36W-39S-03SHW Datasheet HTML 1Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 2Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 3Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 4Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 5Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 6Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 7Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 8Page - Hirose Electric FH36W-39S-03SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
(Recommended metal mask thickness: t=0.1)
(0.23:Metal mask)
(0.23:Metal mask)
B±0.05
0.3±0.03
0.3±0.03
0.6±0.05
0.3±0.05
0.6±0.05
0.535±0.05
0.4±0.05
(0.3:Metal mask)
C±0.05
0.3±0.05
disengagement shift
0.6±0.02
R
S
J±0.05
(0.2)
0.1±0.02
B±0.03
G±0.1
F±0.1
0.3
+0.04
– 0.03
0.3
+0.04
– 0.03
0.3±0.07
0.3±0.02
H±0.05
C±0.03
0.3±0.07
0.2±0.03
0.9±0.2
Detail R
(0.07)
A
B
(Lead plated 0.1 MAX)
(R0.2)
R0.2±0.05
R0.2±0.1
R0.2±0.05
(R0.2)
MAX R0.2
Detail S
R0.2±0.05
0.9±0.2
sRecommended PCB mounting pattern and metal mask dimensions
sRecommended FPC Dimensions
All dimensions: mm
Part Number
FH36-15S-0.3SHW(50)
FH36-17S-0.3SHW(50)
FH36-19S-0.3SHW(50)
FH36-25S-0.3SHW(50)
FH36-29S-0.3SHW(50)
FH36-33S-0.3SHW(50)
FH36-35S-0.3SHW(50)
FH36-45S-0.3SHW(50)
FH36-51S-0.3SHW(50)
FH36-61S-0.3SHW(50)
FH36W-11S-0.3SHW(50)
FH36W-15S-0.3SHW(50)
FH36W-17S-0.3SHW(50)
FH36W-19S-0.3SHW(50)
FH36W-23S-0.3SHW(50)
FH36W-27S-0.3SHW(50)
FH36W-31S-0.3SHW(50)
FH36W-33S-0.3SHW(50)
FH36W-39S-0.3SHW(50)
FH36W-51S-0.3SHW(50)
FH36W-61S-0.3SHW(50)
580-1618-8-50
580-1606-9-50
580-1607-1-50
580-1619-0-50
580-1613-4-50
580-1615-0-50
580-1604-3-50
580-1617-5-50
580-1601-5-50
580-1600-2-50
580-1625-3-50
580-1623-8-50
580-1616-2-50
580-1612-1-50
580-1614-7-50
580-1608-4-50
580-1609-7-50
580-1622-5-50
580-1620-0-50
580-1605-6-50
580-1611-9-50
15
17
19
25
29
33
35
45
51
61
11
15
17
19
23
27
31
33
39
51
61
3.6
4.2
4.8
6.6
7.8
9
9.6
12.6
14.4
17.4
2.4
3.6
4.2
4.8
6
7.2
8.4
9
10.8
14.4
17.4
4.2
4.8
5.4
7.2
8.4
9.6
10.2
13.2
15
18
3
4.2
4.8
5.4
6.6
7.8
9
9.6
11.4
15
18
6.04
6.64
7.24
9.04
10.24
11.44
12.04
15.04
16.84
19.84
4.84
6.04
6.64
7.24
8.44
9.64
10.84
11.44
13.24
16.84
19.84
5.6
6.2
6.8
8.6
9.8
11
11.6
14.6
16.4
19.4
4.4
5.6
6.2
6.8
8
9.2
10.4
11
12.8
16.4
19.4
4.8
5.4
6
7.8
9
10.2
10.8
13.8
15.6
18.6
3.6
4.8
5.4
6
7.2
8.4
9.6
10.2
12
15.6
18.6
4.6
5.2
5.8
7.6
8.8
10
10.6
13.6
15.4
18.4
3.4
4.6
5.2
5.8
7
8.2
9.4
10
11.8
15.4
18.4
CL No.
Number of contacts
B
C
F
G
H
J
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH36W-39S-03SHW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH3-04S-1.25DS HIROSE-FH3-04S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-04S-1.25DSA HIROSE-FH3-04S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DS HIROSE-FH3-06S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DSA HIROSE-FH3-06S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
More results

Similar Description - FH36W-39S-03SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com