Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW06039531F Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # CRCW06039531F
Description  120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

CRCW06039531F Datasheet(HTML) 1 Page - Micrel Semiconductor

  CRCW06039531F Datasheet HTML 1Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 2Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 3Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 4Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 5Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 6Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 7Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 8Page - Micrel Semiconductor CRCW06039531F Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MAQ5283
120VIN, 150mA, Ultra-Low IQ, High-PSRR
Linear Regulator
Automotive
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MAQ5283 high-performance linear regulator offers a
very-wide input operating voltage range, up to 120V DC,
and supplies an output current of up to 150mA.
The MAQ5283 is ideal for high input voltage applications
such as automotive, industrial, and telecom, because it
offers ±3% initial accuracy, extremely high power supply
rejection ratio (75dB at 10kHz) and an ultra-low quiescent
current of 8µA. The MAQ5283 is optimized for high-voltage
line transients, making it ideal for harsh environment
applications.
The MAQ5283 is offered in both fixed output voltage (3.3V
or 5.0V) and adjustable output voltage (1.23V to 5.5V)
options.
The MAQ5283 operates over a
−40°C to +125°C
temperature range and is available in a lead-free, RoHS-
compliant, ePad SOIC-8 package.
Data sheet and support documentation are available on
the Micrel website: www.micrel.com.
Features
• AEC-Q100 qualified
• Wide input voltage range: 6V to 120V DC
• Ultra-low quiescent current: 8µA
• 150mA guaranteed output current
• Adjustable output from 1.23V to 5.5V
• Stable with ceramic capacitors
• Ultra-high PSRR (75dB at 10kHz)
• Ultra-high line rejection (load dump)
• High output accuracy:
– ±3% initial accuracy
• Thermal-shutdown and current-limit protection
• Thermally efficient, 8-pin ePad SOIC package
Applications
• Automotive
• Industrial applications
• Remote keyless entry power supply
• Telecom applications
• Off-line power supplies
___________________________________________________________________________________________________________
Typical Applications
0
2
4
6
8
10
12
-50
-25
0
255075
100
125
TEMPERATURE (°C)
Quiescent Supply Current
vs. Temperature
VIN = 12V
VOUT = 1.23V
IOUT = 0mA
October 2012
M9999-100912-A


Similar Part No. - CRCW06039531F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0603953KFKEA VISHAY-CRCW0603953KFKEA Datasheet
129Kb / 9P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0603953RFKEA VISHAY-CRCW0603953RFKEA Datasheet
129Kb / 9P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW06039531F

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
   Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com