Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW06030000F Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # CRCW06030000F
Description  120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

CRCW06030000F Datasheet(HTML) 5 Page - Micrel Semiconductor

  CRCW06030000F Datasheet HTML 1Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 2Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 3Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 4Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 5Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 6Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 7Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 8Page - Micrel Semiconductor CRCW06030000F Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MAQ5283
October 2012
5
M9999-100912-A
Typical Characteristics (Continued)
1.20
1.21
1.22
1.23
1.24
1.25
-50
-25
0
255075
100
125
TEMPERATURE (°C)
Feedback Pin Voltage
vs. Temperature
VIN = 12V
VOUT = 5V
IOUT = 100µA
1.20
1.21
1.22
1.23
1.24
1.25
0
25
50
75
100
125
150
OUTPUT CURRENT (mA)
Feedback Pin Voltage
vs. Output Current
VIN = 12V
VOUT = 5V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Current Limit
vs. Temperature
VIN = 12V
VOUT = 0V
-0.10
-0.05
0.00
0.05
0.10
-50
-25
0
255075
100
125
TEMPERATURE (°C)
Line Regulation
vs. Temperature
VIN = 10V to 120V
VOUT = 5V
IOUT = 100µA
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
OUTPUT CURRENT (mA)
Case Temperature* (ME)
vs. Output Current
VIN = 12V
VOUT = 5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
255075
100
125
150
OUTPUT CURRENT (mA)
Power Dissipation (ME)
vs. Output Current
VIN = 12V
VOUT = 5V
-120
-100
-80
-60
-40
-20
0
20
40
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
PSRR vs. Frequency
VIN = 12V
VOUT = 5.0V
IOUT = 50mA
VRIPPLE = 70mV
CIN = None
CPSRR = 0.1µF
COUT = 10µF
Case Temperature*
: The temperature measurement was taken at the hottest point on the MAQ5283 case mounted on a 2.25-square-inch PCB at an
ambient temperature of 25°C; see the “Thermal Measurements” section. Actual results depend on the size of the PCB, ambient temperature, and
proximity to other heat emitting components.


Similar Part No. - CRCW06030000F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06030000F0EA VISHAY-CRCW06030000F0EA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06030000F0EA VISHAY-CRCW06030000F0EA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
CRCW06030000F0EB VISHAY-CRCW06030000F0EB Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
CRCW06030000F0EC VISHAY-CRCW06030000F0EC Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
CRCW06030000F0ED VISHAY-CRCW06030000F0ED Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - CRCW06030000F

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20049 MPS-MP20049 Datasheet
285Kb / 11P
   Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com