Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK45-B3FD332KYNN Datasheet(PDF) 1 Page - TDK Electronics

Part # CK45-B3FD332KYNN
Description  Mid-high Voltage Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-B3FD332KYNN Datasheet(HTML) 1 Page - TDK Electronics

  CK45-B3FD332KYNN Datasheet HTML 1Page - TDK Electronics CK45-B3FD332KYNN Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
003-01 / 20060618 / e413_ck45.fm
• All specifications are subject to change without notice.
Mid-high Voltage Ceramic Capacitors(Disk with Lead)
General Use CK45 Series
SHAPES AND DIMENSIONS
CAPACITANCE TEMPERATURE CHARACTERISTICS
AND TOLERANCE
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: B(±10%)
RATED VOLTAGE Edc: 1kV
RATED VOLTAGE Edc: 2kV
1kV and 2kV are E6 series standard products in Temperature characteris-
tics B.
RATED VOLTAGE Edc: 3kV
Conformity to RoHS Directive
øD max.
F
ø0.6
±0.05
T max.
Dimensions in mm
Temperature
characteristics
Temperature
range
Capacitance tolerance
B(±10%)
–25 to +85°C
K(±10%)
E(+20, –55%)
–25 to +85°C
Z(+80, –20%)
Part No.
Capacitance
(pF)
Dimensions (mm)
øD max. T max. F
CK45-B3AD101KYNN to
CK45-B3AD681KYNN
100, 120, 150
180, 220, 270
330, 390, 470
560, 680
5.5
5
5±1.5
CK45-B3AD821KYNN
820
6
5
5±1.5
CK45-B3AD102KYNN
1,000
655±1.5
CK45-B3AD122KYNN
1,200
6.5
5
5±1.5
CK45-B3AD152KYNN
1,500
755±1.5
CK45-B3AD182KYNN
1,800
7.5
5
5±1.5
CK45-B3AD222KYNN
2,200
8.5
5
5±1.5
CK45-B3AD272KYNN
2,700
9
5
5±1.5
CK45-B3AD332KYNN
3,300
9.5
5
5±1.5
CK45-B3AD392KYNN
3,900
10
5
5±1.5
CK45-B3AD472KYNN
4,700
11
5
5±1.5
CK45-B3AD562KYNN
5,600
12
5
7.5±1.5
CK45-B3AD682KYNN
6,800
13
5
7.5±1.5
CK45-B3AD822KYNN
8,200
14
5
7.5±1.5
CK45-B3AD103KYNN
10,000
15
5
7.5±1.5
Part No.
Capacitance
(pF)
Dimensions (mm)
øD max. T max. F
CK45-B3DD101KYNN to
CK45-B3DD471KYNN
100, 120, 150
180, 220, 270
330, 470
5.5
5
5±1.5
CK45-B3DD561KYNN
560
6
5
5±1.5
CK45-B3DD681KYNN
680
6.5
5
5±1.5
CK45-B3DD821KYNN
820
7
5
5±1.5
CK45-B3DD102KYNN
1,000
7.5
5
5±1.5
CK45-B3DD122KYNN
1,200
8
5
5±1.5
CK45-B3DD152KYNN
1,500
8.5
5
5±1.5
CK45-B3DD182KYNN
1,800
9
5
5±1.5
CK45-B3DD222KYNN
2,200
10
5
5±1.5
CK45-B3DD272KYNN
2,700
10.5
5
5±1.5
CK45-B3DD332KYNN
3,300
11.5
5
7.5±1.5
CK45-B3DD392KYNN
3,900
12.5
5
7.5±1.5
CK45-B3DD472KYNN
4,700
14
5
7.5±1.5
Part No.
Capacitance
(pF)
Dimensions (mm)
øD max. T max. F
CK45-B3FD101KYNN
100
5.5
6
7.5±1.5
CK45-B3FD121KYNN
120
5.5
6
7.5±1.5
CK45-B3FD151KYNN
150
5.5
6
7.5±1.5
CK45-B3FD181KYNN
180
5.5
6
7.5±1.5
CK45-B3FD221KYNN
220
5.5
6
7.5±1.5
CK45-B3FD271KYNN
270
6
6
7.5±1.5
CK45-B3FD331KYNN
330
6.5
6
7.5±1.5
CK45-B3FD391KYNN
390
6.5
6
7.5±1.5
CK45-B3FD471KYNN
470
7
6
7.5±1.5
CK45-B3FD561KYNN
560
7.5
6
7.5±1.5
CK45-B3FD681KYNN
680
8
6
7.5±1.5
CK45-B3FD821KYNN
820
8.5
6
7.5±1.5
CK45-B3FD102KYNN
1,000
9
6
7.5±1.5
CK45-B3FD122KYNN
1,200
9.5
6
7.5±1.5
CK45-B3FD152KYNN
1,500
10.5
6
7.5±1.5
CK45-B3FD182KYNN
1,800
11.5
6
7.5±1.5
CK45-B3FD222KYNN
2,200
12.5
6
7.5±1.5
CK45-B3FD272KYNN
2,700
13.5
6
7.5±1.5
CK45-B3FD332KYNN
3,300
14.5
6
7.5±1.5
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CK45-B3FD332KYNN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3FD332KYN TDK-CK45-B3FD332KYN Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CK45-B3FD332KYNA TDK-CK45-B3FD332KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
More results

Similar Description - CK45-B3FD332KYNN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com