Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH36W-13S-03SHW Datasheet(PDF) 6 Page - Hirose Electric

Part # FH36W-13S-03SHW
Description  0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH36W-13S-03SHW Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH36W-13S-03SHW Datasheet HTML 2Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 3Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 4Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 5Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 6Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 7Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 8Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 9Page - Hirose Electric FH36W-13S-03SHW Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FH36 Seriesq0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
sPackaging Specification
qEmbossed Carrier Tape Dimensions
(Tape width of 24mm max.)
qEmbossed Carrier Tape Dimensions
(Tape width of 32mm min.)
qReel Dimensions
2±0.15
4±0.1
(1.5)
(2.95)
(3.85)
(1)
Flat surface, for placement
with automatic equipment.
8±0.1
Ø1.5
+0.1
0
(0.3)
Unreeling direction
1.5
+0.1
0
(1.5)
2±0.15
4±0.1
(0.3)
8±0.1
Flat surface, for placement
with automatic equipment.
(Q:OUTSIDE)
(P:INSIDE)
(25 pockets min.)
(25 pockets min.)
End section
Mounting section
Embossed carrier tape
No connector inserted
Lead section (400mm min.)
No connector inserted
Top cover tape
All dimensions: mm
Part Number
FH36-15S-0.3SHW(50)
FH36-17S-0.3SHW(50)
FH36-19S-0.3SHW(50)
FH36-25S-0.3SHW(50)
FH36-29S-0.3SHW(50)
FH36-33S-0.3SHW(50)
FH36-35S-0.3SHW(50)
FH36-45S-0.3SHW(50)
FH36-51S-0.3SHW(50)
FH36-61S-0.3SHW(50)
FH36W-11S-0.3SHW(50)
FH36W-15S-0.3SHW(50)
FH36W-17S-0.3SHW(50)
FH36W-19S-0.3SHW(50)
FH36W-23S-0.3SHW(50)
FH36W-27S-0.3SHW(50)
FH36W-31S-0.3SHW(50)
FH36W-33S-0.3SHW(50)
FH36W-39S-0.3SHW(50)
FH36W-51S-0.3SHW(50)
FH36W-61S-0.3SHW(50)
580-1618-8-50
580-1606-9-50
580-1607-1-50
580-1619-0-50
580-1613-4-50
580-1615-0-50
580-1604-3-50
580-1617-5-50
580-1601-5-50
580-1600-2-50
580-1625-3-50
580-1623-8-50
580-1616-2-50
580-1612-1-50
580-1614-7-50
580-1608-4-50
580-1609-7-50
580-1622-5-50
580-1620-0-50
580-1605-6-50
580-1611-9-50
15
17
19
25
29
33
35
45
51
61
11
15
17
19
23
27
31
33
39
51
61
16
16
16
24
24
24
24
24
32
32
16
16
16
16
24
24
24
24
24
32
32
Å|
Å|
Å|
Å|
Å|
Å|
Å|
Å|
28.4
28.4
Å|
Å|
Å|
Å|
Å|
Å|
Å|
Å|
Å|
28.4
28.4
7.5
7.5
7.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
7.5
7.5
7.5
7.5
11.5
11.5
11.5
11.5
11.5
14.2
14.2
6.3
6.9
7.5
9.3
10.5
11.7
12.3
15.3
17.1
20.1
5.1
6.3
6.9
7.5
8.7
9.9
11.1
11.7
13.5
17.1
20.1
17.4
17.4
17.4
25.4
25.4
25.4
25.4
25.4
33.4
33.4
17.4
17.4
17.4
17.4
25.4
25.4
25.4
25.4
25.4
33.4
33.4
21.4
21.4
21.4
29.4
29.4
29.4
29.4
29.4
37.4
37.4
21.4
21.4
21.4
21.4
29.4
29.4
29.4
29.4
29.4
37.4
37.4
CL No.
Number of contacts
K
L
M
N
P
Q
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH36W-13S-03SHW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH3-04S-1.25DS HIROSE-FH3-04S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-04S-1.25DSA HIROSE-FH3-04S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DS HIROSE-FH3-06S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
FH3-06S-1.25DSA HIROSE-FH3-06S-1.25DSA Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
More results

Similar Description - FH36W-13S-03SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com