Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X7R1H225K160AE Datasheet(PDF) 4 Page - TDK Electronics

Part # C3216X7R1H225K160AE
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X7R1H225K160AE Datasheet(HTML) 4 Page - TDK Electronics

  C3216X7R1H225K160AE Datasheet HTML 1Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 2Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 3Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 4Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 5Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 6Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 7Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 8Page - TDK Electronics C3216X7R1H225K160AE Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
473
104
224
225
475
106
47,000
100,000
220,000
2,200,000
4,700,000
10,000,000
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
EIA CC0805 [C2012]
X7R
X7S
X7T
2E
(250V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
2A
(100V)
2W
(450V)
2E
(250V)
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
2,200,000
4,700,000
103
223
473
104
224
474
105
225
475
K: ± 10%
M: ± 20%
0.85 mm
0.85 mm
1.25 mm
EIA CC1206 [C3216]
X7R
X7S
X7T
2J
(630V)
2E
(250V)
2A
(100V)
1H
(50V)
1V
(35V)
1E
(25V)
3D
(2000V) (1000V)
3A
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
470
1,000
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
2,200,000
4,700,000
10,000,000
471
102
103
223
473
104
224
474
105
225
475
106
K: ± 10%
M: ± 20%
EIA CC1210[C3225]
X7R
X7S
X7T
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
1H
(50V)
2J
(630V)
2W
(450V)
K: ± 10%
M: ± 20%
1.15 mm
1.30 mm
1.60 mm
StandardThickness
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 450V (2W), 250V (2E), 100V (2A), 50V (1H), 35V (1V), 25V (1E), 16V (1C)
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 2000V (3D), 1000V (3A), 630V (2J), 450V (2W), 250V (2E), 100V (2A), 50V (1H), 35V (1V), 25V (1E)
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 100V (2A), 50V (1H)
1.60 mm
2.00 mm
2.30 mm
2.50 mm
Standard Thickness
Standard Thickness
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en
TDKprovidesSoftTerminationonthemostcommonlyusedMLCCsizesandcapacitancevalues.SoftTerminationoffersanexternalelectrodedesign
that differs from the standard electrode design, and this design may be able to be applied to capacitance values beyond those listed in the catalog.
PleasecontactTDKifyourspecificproductneedsarenotlistedandwewillconsideraddingittotheproductoffering.


Similar Part No. - C3216X7R1H225K160AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R1H225K160AE TDK-C3216X7R1H225K160AE Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3216X7R1H225K160AE TDK-C3216X7R1H225K160AE_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X7R1H225K160AE

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com