Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X7R2A105K160AE Datasheet(PDF) 3 Page - TDK Electronics

Part # C3216X7R2A105K160AE
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X7R2A105K160AE Datasheet(HTML) 3 Page - TDK Electronics

  C3216X7R2A105K160AE Datasheet HTML 1Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 2Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 3Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 4Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 5Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 6Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 7Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 8Page - TDK Electronics C3216X7R2A105K160AE Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
• Switching power supply
• Telecom base station
• Electronic circuits mounted on alumina
substrate
• SMT application which requires bending
robustness inwhich solder joint reliability is
problematic
Features
Applications
C Series
Soft Termination
Type: C2012 [EIA CC0805], C3216 [EIA CC1206], C3225 [EIA CC1210],
C4520 [EIA CC1808], C4532 [EIA CC1812], C5750 [EIA CC2220],
C7563 [EIA CC3025]
L Body Length
W Body Width
T Body Height
B Terminal Width
G Terminal Spacing
Shape &
Dimensions
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Tolerance
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
K
178” Reel, 8mm Pitch
L
330” Reel, 12mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
X7R
±15%
-55 to +125°C
X7S
±22%
-55 to +125°C
X7T
+22/-33%
-55 to +125°C
Part Number
Construction
C • 7563 • X7S • 1C • 107 • M • 280 • L • E
Code
Thickness
085
0.85 mm
115
1.15 mm
125
1.25 mm
130
1.30 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
280
2.80 mm
Special Reserved Code
Code
Description
E
Soft Termination
Code
Voltage (DC)
1C
16V
1E
25V
1V
35V
1H
50V
2A
100V
2E
250V
2W
450V
2J
630V
3A
1000V
3D
2000V
3F
3000V
Standard Product
Soft Termination
Code
Length
Width
Terminal
*Dimension tolerance are typical values
• Improved board bending resistance, drop impact resistance,
thermal shock resistance, and heat cycle properties.
• Conductive resin absorb external stress to protect solder joint
parts and capacitor body.
• Compliance with the RoHS Directive.
The capacitance is expressed in three digit codes and in units of pico Farads (pF).
The first and second digits identify the first and second significant figures of the
capacitance. The third digit identifies the multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF
C2012
2.00 + 0.25/-0.20
1.25 + 0.25/-0.20 0.20 min.
C3216
3.20 + 0.40/-0.20
1.60 + 0.30/-0.20 0.20 min.
C3225
3.20 + 0.50/-0.40
2.50 ± 0.30
± 0.15
0.20 min.
C4532
5.70 + 0.50/-0.40
3.20 ± 0.40
0.20 min.
C4520
4.50 + 0.30/-0.20
4.50 + 0.50/-0.40
2.00
0.20 min.
C5750
5.00 ± 0.40
0.20 min.
C7563
7.50 ± 0.50
6.30 ± 0.50
0.30 min.
C0G
0 ±30ppm/°C
-55 to +125°C
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en


Similar Part No. - C3216X7R2A105K160AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R2A105K160AE TDK-C3216X7R2A105K160AE_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X7R2A105K160AE

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com