Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF61-2628SCF Datasheet(PDF) 6 Page - Hirose Electric

Part # DF61-2628SCF
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61-2628SCF Datasheet(HTML) 6 Page - Hirose Electric

  DF61-2628SCF Datasheet HTML 1Page - Hirose Electric DF61-2628SCF Datasheet HTML 2Page - Hirose Electric DF61-2628SCF Datasheet HTML 3Page - Hirose Electric DF61-2628SCF Datasheet HTML 4Page - Hirose Electric DF61-2628SCF Datasheet HTML 5Page - Hirose Electric DF61-2628SCF Datasheet HTML 6Page - Hirose Electric DF61-2628SCF Datasheet HTML 7Page - Hirose Electric DF61-2628SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF61 SeriesBoard-to-Wire Swing-Lock Connector for Low-Profile Power Source
Crimp contact
3.2
1.4
5
0.15
1.07
0.92
1.15
Product Number
HRS No.
Type
Quantity
Treatment
DF61-2628SCF
CL666-5005-2-00
Reel contact 18,000 contacts per reel
Tin plated
DF61-2226SCF (41)
CL666-5004-0-41
Reel contact 18,000 contacts per reel
Tin plated
(Note1) Please order in full reel quantities. (1 reel = 18,000 pcs.).
Conductor Size
Coating Diameter
AWG# 26-28
Ø 0.7mm - 1.1mm
AWG# 22-26
Ø 1.0mm - 1.3mm
Note: Please consult with our a Hirose sales representative when using wires other than those recommended below.
Applicable wires: UL10368 AWG#22, AWG#24, AWG#26, AWG#28
Strip Length 1.3 - 1.7mm
Applicable Wire (Tin plated soft copper wire)
Applicable Crimping Tools
Types
Product Number
HRS No.
Applicable Contact
Applicator
AP105-DF61-2628S
CL901-4632-6-00
DF61-2628SCF
AP105-DF61-2226S
CL901-4621-0-00
DF61-2226SCF
Press Unit
CM-105
CL901-0005-4-00
----------------------
Hand Tool
HT305/DF61-2628S
CL550-0305-5-00
DF61-2628SCF
HT305/DF61-2226S
CL550-0304-2-00
DF61-2226SCF
Extraction Tool
DF-C-PO(B)
CL550-0179-2-00
DF61-2628SCF, DF61-2226SCF
Note: Problems resulting from the use of non-authorized tools will not be warranted.


Similar Part No. - DF61-2628SCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
   LED Backlight Driver
DF6115 ETC-DF6115 Datasheet
838Kb / 5P
   Backlight LED driver chip DF6115
logo
Hirose Electric
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61Y-2P-2.2V HIROSE-DF61Y-2P-2.2V Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61Y-2S-2.2C(13) HIROSE-DF61Y-2S-2.2C(13) Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
More results

Similar Description - DF61-2628SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF57 HIROSE-DF57 Datasheet
925Kb / 8P
   Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
logo
Molex Electronics Ltd.
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com