Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR22.58MXC7T Datasheet(PDF) 6 Page - TDK Electronics

Part # CCR22.58MXC7T
Description  Ceramic ResonatorsSMD CCR Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR22.58MXC7T Datasheet(HTML) 6 Page - TDK Electronics

  CCR22.58MXC7T Datasheet HTML 1Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 2Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 3Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 4Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 5Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(6/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
OSCILLATING FREQUENCY-TEMPERATURE
CHARACTERISTIC MEASURING CIRCUIT
MUC8/MXC8 TYPE 4.0 to 9.99MHz
MXC8 TYPE 10.0 to 11.0MHz
MXC7 TYPE 16.0 to 50.0MHz
MX7 TYPE 16.0 to 50.0MHz
MYC7 TYPE 24.0 to 50.0MHz
RELIABILITY AND TEST CONDITIONS
The following test items are satisfied.
(1) Oscillating frequency change: Within ±0.25%
(2) Resonant resistance change: Within ±10
(3) Appearance; serious abnormalities not to exist.
Vcc
Fosc
Vcc: 5V
Rf: 1M
IC: TC4089UBP(TOSHIBA)
Rf
Vcc
Fosc
Rf
Vcc: 5V
Rf: 1M
IC: TC74HCU04(TOSHIBA)
Rd: 220
Vcc
Fosc
Vcc: 5V
Rf: 1M
IC: TC74HCU04(TOSHIBA)
Rf
Vcc
Fosc
Vcc: 5V
Rf: 1M
IC: TC74HCU04 (TOSHIBA)
Rf
Vcc
Fosc
Rf
Vcc: 5V
Rf: 1M
IC: TC74HCU04(TOSHIBA)
Rd: 680
Test items
Test conditions
Low temperature storage
Temperature: –40±3°C
Time: 1000h
High temperature storage
Temperature: +85±2°C
Time: 1000h
Loading humidity resistance
Humidity: 90 to 95(%)RH
Temperature: 60±2°C
Time: 1000h
Thermal shock
–40°C (30min), 85°C (30min) x 100 cycles
Soldering heat resistance
Solder temperature: peak 260°C, 10s
reflow
Drop
Drop 3 times onto the concrete from a
height of 1m
Vibration
Frequency: 10
55 10Hz/min
Amplitude: 1.5mm
X, Y and Z directions for 2h each
Board bend test
Solder this product onto a glass epoxy
board (L100
× W40× T1.6mm), press it by
up to 1mm in 1mm/s and keep it for 5sec.


Similar Part No. - CCR22.58MXC7T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR22.58MXC7T TDK-CCR22.58MXC7T Datasheet
112Kb / 7P
   Ceramic Resonators
More results

Similar Description - CCR22.58MXC7T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33M TELEDYNE-CCR-33M Datasheet
486Kb / 7P
   CCR-33SXC
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
logo
Shenzhen Luguang Electr...
LTCA10.7MS3 LUGUANG-LTCA10.7MS3 Datasheet
268Kb / 5P
   Ceramic Filter Series
LT10.7MA20 LUGUANG-LT10.7MA20 Datasheet
224Kb / 5P
   Ceramic Filter Series
LT10.7MS2A10 LUGUANG-LT10.7MS2A10 Datasheet
247Kb / 5P
   Ceramic Filter Series
LT10.7MS3A10 LUGUANG-LT10.7MS3A10 Datasheet
158Kb / 3P
   Ceramic Filter Series
logo
Vanlong Technology Co.,...
JT-M VANLONG-JT-M Datasheet
22Kb / 1P
   JT_M Series Ceramic Discriminator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com