Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR10.0MXC8T Datasheet(PDF) 3 Page - TDK Electronics

Part # CCR10.0MXC8T
Description  Ceramic ResonatorsSMD CCR Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR10.0MXC8T Datasheet(HTML) 3 Page - TDK Electronics

  CCR10.0MXC8T Datasheet HTML 1Page - TDK Electronics CCR10.0MXC8T Datasheet HTML 2Page - TDK Electronics CCR10.0MXC8T Datasheet HTML 3Page - TDK Electronics CCR10.0MXC8T Datasheet HTML 4Page - TDK Electronics CCR10.0MXC8T Datasheet HTML 5Page - TDK Electronics CCR10.0MXC8T Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(3/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
MXC7 TYPE
MYC7 TYPE
THIRD HARMONIC MODE: 16.0 to 50.0MHz/
THIRD HARMONIC MODE: 24.0 to 50.0MHz/
BUILT-IN LOAD CAPACITY
BUILT-IN LOAD CAPACITY
MXC7 TYPE
• These are representative characteristics. Oscillating frequencies and built-in load capacity values other than these shown here can be supported.
±0.5% is standard. Also available for custom made, please contact TDK.
MYC7 TYPE
• These are representative characteristics. Oscillating frequencies and built-in load capacity values other than these shown here can be supported.
±0.5% is standard. Also available for custom made, please contact TDK.
Part No.
Oscillating frequency Fosc
(MHz)
Resonant impedance Z0
(
Ω)max.
Initial Fosc tolerance
(%)max.
Built-in load capacity(pF) T
(mm)
CL1
CL2
CCR16.0MXC7T
16.000
70
±0.5/0.3/0.15
10.0
10.0
1.1±0.2
CCR16.93MXC7T
16.934
70
±0.5/0.3/0.15
9.0
9.0
1.1±0.2
CCR18.0MXC7T
18.000
70
±0.5/0.3/0.15
9.0
9.0
1±0.2
CCR20.0MXC7T
20.000
40
±0.5/0.3/0.15
9.0
9.0
1±0.2
CCR22.58MXC7T
22.580
40
±0.5/0.3/0.15
9.0
9.0
1±0.2
CCR24.0MXC7T
24.000
40
±0.5/0.3/0.15
9.0
9.0
1±0.2
CCR25.0MXC7T
25.000
40
±0.5/0.3/0.15
8.0
8.0
0.9±0.2
CCR30.0MXC7T
30.000
40
±0.5/0.3/0.15
8.0
8.0
0.9±0.2
CCR32.0MXC7T
32.000
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
CCR33.33MXC7T
33.333
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
CCR33.86MXC7T
33.868
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
CCR34.57MXC7T
34.570
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
CCR40.0MXC7T
40.000
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
CCR48.0MXC7T
48.000
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
CCR50.0MXC7T
50.000
40
±0.5/0.3/0.15
8.0
8.0
0.8±0.2
Part No.
Oscillating frequency Fosc
(MHz)
Resonant impedance Z0
(
Ω)max.
Initial Fosc tolerance
(%)max.
Built-in load capacity(pF) T
(mm)
CL1
CL2
CCR24.0MYC7T1
24.000
40
±0.5/0.3/0.15
7.0
7.0
0.9±0.1
CCR25.0MYC7T1
25.000
40
±0.5/0.3/0.15
7.0
7.0
0.9±0.1
CCR27.12MYC7T1
27.120
40
±0.5/0.3/0.15
7.0
7.0
0.85±0.1
CCR30.0MYC7T1
30.000
40
±0.5/0.3/0.15
7.0
7.0
0.85±0.1
CCR33.33MYC7T1
33.333
40
±0.5/0.3/0.15
7.0
7.0
0.85±0.1
CCR33.86MYC7T1
33.868
40
±0.5/0.3/0.15
7.0
7.0
0.85±0.1
CCR40.0MYC7T1
40.000
40
±0.5/0.3/0.15
7.0
7.0
0.8±0.1
CCR48.0MYC7T1
48.000
40
±0.5/0.3/0.15
7.0
7.0
0.8±0.1
Dimensions in mm
(0.5)
(0.5)
(0.5)
(0.5)
(0.5)
0.5±0.2 0.5±0.2
0.5±0.2
(0.5)
2.5
±0.2
EIAJ DATE CODE
PRODUCTION DATE
∗∗
1
±0.2 1±0.2
0.5±0.2
1.0±0.1 1.0±0.1
0.5±0.2
0.5±0.2
Dimensions in mm
(0.4)
(0.3)
0.3±0.2
0.4±0.2
0.4±0.2
(0.4)
(0.4)
(0.3)
(0.4)
2.0
±0.2
∗∗
0.8
±0.2
0.8
±0.2
EIAJ DATE CODE
PRODUCTION DATE
0.30
0.85 0.85
0.40
0.40
LINE
LINE
GND
LINE
LINE
GND
The T value is described in the table of
electric characteristics.
The T value is described in the table of
electric characteristics.


Similar Part No. - CCR10.0MXC8T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR10.0MXC8T TDK-CCR10.0MXC8T Datasheet
112Kb / 7P
   Ceramic Resonators
More results

Similar Description - CCR10.0MXC8T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33M TELEDYNE-CCR-33M Datasheet
486Kb / 7P
   CCR-33SXC
logo
Lapp.
21700641 LAPP-21700641 Datasheet
142Kb / 2P
   AB-C5-CCR-SH
17.09.2018
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Lapp.
21700623 LAPP-21700623 Datasheet
128Kb / 2P
   EPIC DATA CCR FA
17.09.2018
logo
List of Unclassifed Man...
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
   Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
logo
Shenzhen Luguang Electr...
LTCA10.7MS3 LUGUANG-LTCA10.7MS3 Datasheet
268Kb / 5P
   Ceramic Filter Series
LT10.7MA20 LUGUANG-LT10.7MA20 Datasheet
224Kb / 5P
   Ceramic Filter Series
LT10.7MS2A10 LUGUANG-LT10.7MS2A10 Datasheet
247Kb / 5P
   Ceramic Filter Series
LT10.7MS3A10 LUGUANG-LT10.7MS3A10 Datasheet
158Kb / 3P
   Ceramic Filter Series
logo
Vanlong Technology Co.,...
JT-M VANLONG-JT-M Datasheet
22Kb / 1P
   JT_M Series Ceramic Discriminator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com