Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0629DPE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0629DPE
Description  60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0629DPE Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0629DPE Datasheet HTML 1Page - Renesas Technology Corp RJK0629DPE Datasheet HTML 2Page - Renesas Technology Corp RJK0629DPE Datasheet HTML 3Page - Renesas Technology Corp RJK0629DPE Datasheet HTML 4Page - Renesas Technology Corp RJK0629DPE Datasheet HTML 5Page - Renesas Technology Corp RJK0629DPE Datasheet HTML 6Page - Renesas Technology Corp RJK0629DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS1060EJ0200 Rev.2.00
Page 1 of 6
Apr 09, 2013
Preliminary Datasheet
RJK0629DPE
60V, 85A, 4.5m max.
N Channel Power MOS FET
High-Speed Switching Use
Features
 V
DSS: 60 V
 R
DS(on): 4.5 m (Max)
 I
D: 85 A
Outline
1
2
3
4
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK(S)-(1) )
D
G
1
3
2, 4
S
1. Gate
2. Drain
3. Source
4. Drain
Absolute Maximum Ratings
(Ta = 25
C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
20
V
Drain current
ID
85
A
Drain peak current
ID (pulse)
Note1
340
A
Body-drain diode reverse drain current
IDR
85
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
340
A
Avalanche current
IAP
Note2
55
A
Channel dissipation
Pch
Note3
100
W
Channel to case thermal impedance
ch-c
1.25
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Tc = 25
C, Tch  150C, L = 100 H
3. Value at Tc = 25
C
R07DS1060EJ0200
(Previous: REJ03G1874-0100)
Rev.2.00
Apr 09, 2013


Similar Part No. - RJK0629DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPE RENESAS-RJK0629DPE Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE-00-J3 RENESAS-RJK0629DPE-00-J3 Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE_15 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
More results

Similar Description - RJK0629DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPN RENESAS-RJK0629DPN_13 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE_15 Datasheet
110Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_15 Datasheet
109Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN_15 Datasheet
108Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPK RENESAS-RJK0629DPK_13 Datasheet
109Kb / 7P
   60V, 85A, 4.5m max.N Channel Power MOS FET High-Speed Switching Use
RJK0659DPA RENESAS-RJK0659DPA_13 Datasheet
166Kb / 7P
   60V, 30A, 8.0m max. N Channel Power MOS FET High Speed Power Switching
RJK0657DPA RENESAS-RJK0657DPA_13 Datasheet
166Kb / 7P
   60V, 20A, 13.6m max. N Channel Power MOS FET High Speed Power Switching
RJK0658DPA RENESAS-RJK0658DPA_13 Datasheet
165Kb / 7P
   60V, 25A, 11.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0660DPA RENESAS-RJK0660DPA_13 Datasheet
166Kb / 7P
   60V, 40A, 5.1m max. N Channel Power MOS FET High Speed Power Switching
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com