Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK60S5DPN Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK60S5DPN
Description  600V - 20A - MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S5DPN Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK60S5DPN Datasheet HTML 1Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 2Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 3Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 4Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 5Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 6Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 7Page - Renesas Technology Corp RJK60S5DPN Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RJK60S5DPN
Preliminary
R07DS0952EJ0200 Rev.2.00
Page 3 of 7
Jan 23, 2013
Main Characteristics
40
30
20
10
2
468
10
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
1100
10
0.1
1
0.01
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Ta = 25
°C
Pulse Test
VGS = 10 V
Pulse Test
VGS = 5.5 V
6 V
7 V
6.5 V
0
0
2
468
10
0
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
8 V
10 V
15 V
30
20
10
25
15
5
2
468
10
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Ta = 125
°C
Pulse Test
VGS = 5 V
6 V
5.5 V
6.5 V
0
0
8 V
10 V
15 V
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
10
1
0.1
100
0.01
VDS = 10 V
Pulse Test
Ta = 75
°C
25
°C
Ta = 125
°C
25
°C
−25°C
02550100
75
125 150 175
Case Temperature Tc (°C)
Channel Dissipation vs.
Case Temperature
250
200
150
100
50
0
7 V
0.1
1
10
100
110
100
1000
Tc = 25
°C
1 shot
Operation in this area
is limited by RDS(on)


Similar Part No. - RJK60S5DPN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPE-00-J3 RENESAS-RJK60S5DPE-00-J3 Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPK-00-T0 RENESAS-RJK60S5DPK-00-T0 Datasheet
76Kb / 6P
   Silicon N Channel MOS FET High Speed Power Switching
RJK60S5DPK-M0 RENESAS-RJK60S5DPK-M0 Datasheet
76Kb / 6P
   Silicon N Channel MOS FET High Speed Power Switching
RJK60S5DPK-M0 RENESAS-RJK60S5DPK-M0 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S5DPN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6020DPM RENESAS-RJQ6020DPM Datasheet
83Kb / 4P
   600V - 20A - MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0 Datasheet
93Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPP-E0 RENESAS-RJL60S5DPP-E0 Datasheet
114Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPE RENESAS-RJL60S5DPE Datasheet
151Kb / 4P
   600V - 20A - SJ MOS FET High Speed Power Switching
Jun 21, 2012
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPK-M0 RENESAS-RJK60S5DPK-M0_13 Datasheet
112Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPK-M0 RENESAS-RJL60S5DPK-M0 Datasheet
58Kb / 4P
   600V - 20A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com