Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATB3225-75011CT Datasheet(PDF) 2 Page - TDK Electronics

Part # ATB3225-75011CT
Description  Wound Chip Baluns
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ATB3225-75011CT Datasheet(HTML) 2 Page - TDK Electronics

  ATB3225-75011CT Datasheet HTML 1Page - TDK Electronics ATB3225-75011CT Datasheet HTML 2Page - TDK Electronics ATB3225-75011CT Datasheet HTML 3Page - TDK Electronics ATB3225-75011CT Datasheet HTML 4Page - TDK Electronics ATB3225-75011CT Datasheet HTML 5Page - TDK Electronics ATB3225-75011CT Datasheet HTML 6Page - TDK Electronics ATB3225-75011CT Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(1/6)
001-02 / 20120628 / e751_woundbalun_atb3225
• All specifications are subject to change without notice.
Wound Chip Baluns
ATB Series ATB3225-75011CT
FEATURES
• Case size of ATB3225 is L3.2
W2.5H2.3mm.
• This case size is smaller than traditional Balun.
• Frequency band width is 5 to 200MHz.
• Low insertion loss and good balance parameter.
• It is a product conforming to RoHS directive.
APPLICATIONS
Cable modems
SHAPES AND DIMENSIONS
RECOMMENDED PC BORARD PATTERN
CIRCUIT DIAGRAM
PRODUCT IDENTIFICATION
(1) Series name
(2) Case size
(3) Impedance[at 100MHz]
750: 75
(4) Impedance ratio
11
→ 1:1
(5) Type
CT: Center tap
TEMPERATURE RANGES
RECOMMENDED SOLDERING CONDITIONS
RECOMMENDED TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
REFLOW PROFILE FOR SOLDER HEAT RESISTANCE
Conformity to RoHS Directive
3.2
±0.2
3
2
1
1
2
3
6
5
4
4
5
6
Dimensions in mm
0.45
Mark for direction
2.0
1.0
Dimensions in mm
4.0
1
6
4
2
5
3
Unbalance port
Balance port
GND
or
Vcc
ATB
3225 - 750
11
CT
(1)
(2)
(3)
(4)
(5)
Operating
–25 to +85°C
Storage(After mount)
–25 to +85°C
150˚C
180˚C
Peak 245˚C max.
230˚C
60 to 120s
10 to 30s
Natural
cooling
Time(s)
150˚C
180˚C
Peak 260˚C max.
230˚C
60 to 120s
40s max.
Natural
cooling
Time(s)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ATB3225-75011CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT Datasheet
173Kb / 13P
   Balun Transformers Wound SMD
ATB3225-75011CT-T001 TDK-ATB3225-75011CT-T001 Datasheet
116Kb / 2P
   Baluns
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
   Balun Transformers Wound SMD
More results

Similar Description - ATB3225-75011CT

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGB_C NIC-NGB_C Datasheet
278Kb / 3P
   Multilayer Chip Baluns
logo
List of Unclassifed Man...
BL1608 ETC-BL1608 Datasheet
92Kb / 3P
   Multilayer Chip Baluns
logo
NIC-Components Corp.
NGB-C NIC-NGB-C Datasheet
367Kb / 3P
   Multilayer Chip Baluns
logo
Murata Manufacturing Co...
LDB181G8405C-110 MURATA-LDB181G8405C-110 Datasheet
39Kb / 2P
   Chip Multilayer Hybrid Baluns
LDB211G8110C-001 MURATA-LDB211G8110C-001 Datasheet
35Kb / 2P
   Chip Multilayer Hybrid Baluns
logo
TDK Electronics
ATB2012V-75011-T01 TDK-ATB2012V-75011-T01 Datasheet
87Kb / 2P
   Baluns
ATB3225-75032CT-T001 TDK-ATB3225-75032CT-T001 Datasheet
116Kb / 2P
   Baluns
HHM1583B1 TDK-HHM1583B1 Datasheet
54Kb / 2P
   Multilayer Chip Baluns For UWB
ATB2012-75011M-T000 TDK-ATB2012-75011M-T000 Datasheet
87Kb / 2P
   Baluns
ATB3225-75011CT-T001 TDK-ATB3225-75011CT-T001 Datasheet
116Kb / 2P
   Baluns
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com