Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDY54 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDY54
Description  SILICON TRANSISTORS, DIFFUSED MESA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDY54 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDY54 Datasheet HTML 1Page - Comset Semiconductor BDY54 Datasheet HTML 2Page - Comset Semiconductor BDY54 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BDY53 – BDY54
08/11/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA, IB=0
BDY53
60
-
-
V
BDY54
120
-
-
IEBO
Emitter-Base Cutoff
Current
VEB=7 V
BDY53
-
-
3.0
mA
BDY54
ICEX
Collector-Emitter Cutoff
Current
VCE=100 V
VBE=-1.5 V
TCASE=150°C
BDY53
-
-
15
mA
VCE=150 V
VBE=-1.5 V
TCASE=150°C
BDY54
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=4.0 A, IB=0.4 A
BDY53
-
-
1.1
V
BDY54
IC=7.0 A, IB=1.4 A
BDY53
-
-
2.2
BDY54
VBE(SAT)
Base-Emitter Voltage (*)
IC=4.0 A, IB=0.4 A
BDY53
-
-
2
V
BDY54
IC=7.0 A, IB=1.4 A
BDY53
-
-
2.5
BDY54
h21E
Static Forward Current
transfer ratio (*)
VCE=1.5 V, IC=2 A
BDY53
20
-
60
V
BDY54
fT
Transition Frequency
VCE=4.0 V, IC=0.5 A
f=10 MHz
BDY53
20
-
-
MHz
BDY54
td + tr
Turn-on time
IC=5 A, IB=1 A
BDY53
-
0.3
-
µs
BDY54
ts + tf
Turn-off time
IC=5 A
IB1=1 A
IB2=-0.5 A
BDY53
-
1.8
-
µs
BDY54
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - BDY54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY54 ETC-BDY54 Datasheet
149Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Seme LAB
BDY54 SEME-LAB-BDY54 Datasheet
12Kb / 1P
   Bipolar NPN Device
logo
Comset Semiconductor
BDY54 COMSET-BDY54 Datasheet
147Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Inchange Semiconductor ...
BDY54 ISC-BDY54 Datasheet
215Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BDY54 NJSEMI-BDY54 Datasheet
73Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BDY54

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDY57 COMSET-BDY57_12 Datasheet
1Mb / 3P
   SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
180T2 COMSET-180T2_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com