Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHG24N65E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHG24N65E
Description  E Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG24N65E Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHG24N65E Datasheet HTML 1Page - Vishay Siliconix SIHG24N65E Datasheet HTML 2Page - Vishay Siliconix SIHG24N65E Datasheet HTML 3Page - Vishay Siliconix SIHG24N65E Datasheet HTML 4Page - Vishay Siliconix SIHG24N65E Datasheet HTML 5Page - Vishay Siliconix SIHG24N65E Datasheet HTML 6Page - Vishay Siliconix SIHG24N65E Datasheet HTML 7Page - Vishay Siliconix SIHG24N65E Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SiHG24N65E
www.vishay.com
Vishay Siliconix
S12-3104-Rev. F, 24-Dec-12
1
Document Number: 91476
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
E Series Power MOSFET
FEATURES
• Low Figure-of-Merit (FOM) Ron x Qg
• Low Input Capacitance (Ciss)
• Reduced Switching and Conduction Losses
• Ultra Low Gate Charge (Qg)
• Avalanche Energy Rated (UIS)
• Material
categorization:
For
definitions
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Server and Telecom Power Supplies
• Switch Mode Power Supplies (SMPS)
• Power Factor Correction Power Supplies (PFC)
•Lighting
- High-Intensity Discharge (HID)
- Fluorescent Ballast Lighting
• Industrial
- Welding
- Induction Heating
- Motor Drives
- Battery Chargers
- Renewable Energy
- Solar (PV Inverters)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 28.2 mH, Rg = 25 , IAS = 6 A.
c. 1.6 mm from case.
d. ISD  ID, dI/dt = 100 A/μs, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
700
RDS(on) max. at 25 °C ()VGS = 10 V
0.145
Qg max. (nC)
122
Qgs (nC)
21
Qgd (nC)
37
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
SiHG24N65E-E3
Lead (Pb)-free and Halogen-free
SiHG24N65E-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 20
Gate-Source Voltage AC (f > 1 Hz)
30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
24
A
TC = 100 °C
16
Pulsed Drain Currenta
IDM
70
Linear Derating Factor
2W/°C
Single Pulse Avalanche Energyb
EAS
508
mJ
Maximum Power Dissipation
PD
250
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
37
V/ns
Reverse Diode dV/dtd
11
Soldering Recommendations (Peak Temperature)
for 10 s
300c
°C


Similar Part No. - SIHG24N65E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHG24N65E VISHAY-SIHG24N65E Datasheet
188Kb / 8P
   E Series Power MOSFET
Rev. B, 31-Oct-11
logo
Inchange Semiconductor ...
SIHG24N65E ISC-SIHG24N65E Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHG24N65E VISHAY-SIHG24N65E Datasheet
211Kb / 10P
   E Series Power MOSFET
01-Jan-2022
SIHG24N65E-GE3 VISHAY-SIHG24N65E-GE3 Datasheet
188Kb / 8P
   E Series Power MOSFET
Rev. B, 31-Oct-11
SIHG24N65EF VISHAY-SIHG24N65EF Datasheet
162Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. B, 27-Feb-17
More results

Similar Description - SIHG24N65E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com